Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS-P Datasheet(PDF) 13 Page - SPANSION

Part # S75WS-P
Description  based MCP/POP Products
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS-P Datasheet(HTML) 13 Page - SPANSION

Back Button S75WS-P Datasheet HTML 7Page - SPANSION S75WS-P Datasheet HTML 8Page - SPANSION S75WS-P Datasheet HTML 9Page - SPANSION S75WS-P Datasheet HTML 10Page - SPANSION S75WS-P Datasheet HTML 11Page - SPANSION S75WS-P Datasheet HTML 12Page - SPANSION S75WS-P Datasheet HTML 13Page - SPANSION S75WS-P Datasheet HTML 14Page - SPANSION S75WS-P Datasheet HTML 15Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
S75WS-P_00_02 September 6, 2006
S75WS-P based MCP/POP Products
11
Da t a
Sh ee t
( A dv an c e
In f o r m at io n)
7.
Physical Dimensions
7.1
AMB128— 128-ball 12 x 12 mm Package-on-Package
PACKAGE
AMB 128
JEDEC
N/A
D x E
12.00 mm x 12.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.15
PROFILE
A1
0.39
---
---
BALL HEIGHT
A2
0.55
---
0.70
BODY THICKNESS
D
12.00 BSC
BODY SIZE
E
12.00 BSC
BODY SIZE
D1
11.05 BSC
MATRIX FOOTPRINT
E1
11.05 BSC
MATRIX FOOTPRINT
MD
18
MATRIX SIZE D DIRECTION
ME
18
MATRIX SIZE E DIRECTION
n
128
BALL COUNT
N
128
MAXIMUM NUMBER OF BALLS
R
2
NUMBER OF LAND PERIMETERS
b
0.45
0.50
0.55
BALL DIAMETER
eE
0.65 BSC
BALL PITCH
eD
0.65 BSC
BALL PITCH
SD SE
0.325 BSC
SOLDER BALL PLACEMENT
DEPOPULATED SOLDER BALLS
3559 \ 16-038.56 \ 4.28.6
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JEP95, SECTION
3.0, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE "E"
DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL
POSITIONS FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO
DATUMS A AND B AND DEFINE THE POSITION OF THE
CENTER SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS
IN THE OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS
IN THE OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF
DEPOPULATED BALLS.
9.
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER
OR INK MARK, METALLIZED MARK INDENTATION OR
OTHER MEANS.
Ø
C3~C16, D3~D16, E3~E16, F3~F16
G3~G16, H3~H16, J3~J16, K3~K16
L3~L16, M3~M16, N3~N16, P3~P16
R3~R16, T3~T16
0.08
M
C
0.15
M
C A B
A
B
D
F
G
E
C
H
J
M
L
K
N
P
T
R
V
U
1
4
5
3
2
6
7
8
9
10
11
12
13
15 14
17
18
16
C
6
b
SIDE VIEW
128X
7
SE
E1
D1
eD
eE
7
SD
CORNER
PIN A1
BOTTOM VIEW
C
C
A
D
E
C
0.15
(2X)
B
C
(2X)
0.15
0.20
0.10
9
INDEX MARK
TOP VIEW
PIN A1
CORNER
A
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com