Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IUG Datasheet(PDF) 21 Page - Sensata Technologies, Inc.

Part # IUG
Description  Hydraulic Magnetic Circuit Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

IUG Datasheet(HTML) 21 Page - Sensata Technologies, Inc.

Back Button IUG Datasheet HTML 16Page - Sensata Technologies, Inc. IUG Datasheet HTML 17Page - Sensata Technologies, Inc. IUG Datasheet HTML 18Page - Sensata Technologies, Inc. IUG Datasheet HTML 19Page - Sensata Technologies, Inc. IUG Datasheet HTML 20Page - Sensata Technologies, Inc. IUG Datasheet HTML 21Page - Sensata Technologies, Inc. IUG Datasheet HTML 22Page - Sensata Technologies, Inc. IUG Datasheet HTML 23Page - Sensata Technologies, Inc. IUG Datasheet HTML 24Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Internal Conguration
Third Decision
3
* Only one auxiliary switch is normally supplied on two or
three pole units. Switch is located in the right-hand pole
(viewed from terminal end) unless otherwise specied.
-0
-1
-1REC4
-1REC5
-1REG4
-1RS4
-1RLS4
-3
-4
Switch only
Series
Series w/ auxiliary switch *
.110 quick connect
Series w/ auxiliary switch *
.187 quick connect
Series w/ auxiliary switch
(gold contacts)*
.110 quick connect
Series w/ alarm switch,
electrical trip,
.110 Q.C. terminals
Series w/ alarm switch,
electrical trip,
.110 Q.C. terminals (mid-trip only)
Shunt
Relay
1
2
3
4
IEG 1 - 1REC4 - 61 - 20.0
- 01 - V
5
7
Example:
Black
Yellow
Red
Blue
Green
Orange
White
-00
-10
-20
-30
-40
-60
-90
-01 (STD)
-11
-21
-31
-41
-61
-91
Seventh Decision
7
Handle Color and Marking Selection
Toggle Handle
Fifth Decision
5
Rated Current
.100
.250
.500
.750
1.00
2.50
5.00
7.50
* IDG/IDGH is rated for 30 amps max.
Standard ratings listed. For other ratings,
please contact the factory.
10.0
15.0
20.0
30.0
35.0*
40.0*
50.0*
Fourth Decision
4
Frequency and Delay
Switch only
400Hz short delay
400Hz long delay
400Hz motor start
400Hz 150% instant trip
DC short delay*
DC long delay*
DC motor start*
DC 125% instant trip*
50/60Hz short delay
50/60Hz long delay
50/60Hz motor start
50/60Hz short delay
50/60Hz long delay
50/60Hz motor start
50/60Hz 125% instant trip
DC/60Hz short delay
DC/60Hz long delay
DC/60Hz motor start
DC/60 Hz 135% instant trip
For addition of inertial delay, add an ìFî to any
delay numeral.
* CEG types are only available with DC ratings
SW
-41
-42
-43
-49
-51
-52
-53
-59
-61
-62
-63
-64
-65
-66
-69
-71
-72
-73
-79
Notes: A. Bezels of IAGBX, IUGBX, IEGBX, CUGBX, CEGBX are black.
B. Consult factory for other marking options.
Black
Red
Grey
Orange
White
-00
-20
-40
-50
-90
-01
-21
-41
-51
-91
-02
-22
-42
-52
-92
-03
-23
-43
-53
-93
-04
-24
-44
-54
-94
-05
-25
-45
-55
-95
-06
-26
-46
-56
-96
I-O
Fig.2
Unmarked
Marking
Detail
Seventh Decision
7
Rocker Handle Color, Indicator Color and Marking Selection (See Notes)
IAGX, IUGX, IEGX, IAGZX, IUGZX, IEGZX, CUGZX, CEGZX Rocker Handle (Single Rocker Color)
Rocker
Handle
Color
Indicating
Color
Marking
Color
Indicates:
On-Off
Fig.1
On-Off
I-O
Fig.3
On-Off
I-O
Fig.6
I-O
Fig.5
On-Off
Fig.4
A
Vertical Mounting
Horizontal Mounting
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Black
Black
Black
White
Red
Green
White
White
White
On
On
On
-J0
-K0
-L0
-J1
-K1
-L1
-J2
-K2
-L2
-J3
-K3
-L3
-J4
-K4
-L4
-J5
-K5
-L5
-J6
-K6
-L6
B
C
White
White
Black
Black
Black
IAGZX, IUGZX, IEGZX, CUGZX, CEGZX Rocker Handle (Dual Rocker Color)
Black
Black
Black
Black
Black
Black
White
Red
Green
White
Red
Green
White
White
White
White
White
White
On
On
On
Off
Off
Off
-A0
-B0
-C0
-F0
-G0
-H0
-A1
-B1
-C1
-F1
-G1
-H1
-A2
-B2
-C2
-F2
-G2
-H2
-A3
-B3
-C3
-F3
-G3
-H3
-A4
-B4
-C4
-F4
-G4
-H4
-A5
-B5
-C5
-F5
-G5
-H5
-A6
-B6
-C6
-F6
-G6
-H6
Black
Black
Black
Black
White
Red
Green
Yellow
White
Red
Green
Yellow
Off
Off
Off
Off
-M0
-N0
-P0
-R0
N/A
N/A
N/A
N/A
-M2
-N2
-P2
-R2
-M3
-N3
-P3
-R3
N/A
N/A
N/A
N/A
-M6
-N6
-P6
-R6
-M5
-N5
-P5
-R5
A
IAGBX, IUGBX, IEGBX, CUGBX, CEGBX Rocker Handle (Dual Rocker Color)
Sixth Decision
6
Notes:
1. One or more descriptions may be used as required.
2. When this is not used, table one may be substituted and U.S. thread
will be supplied. Unit will be rated at 250V (50/60Hz only.)
3. VDE approved at 250VAC
4. IEGS standard face plate has beveled sides(see pg.90)
* Not available on snap-in units
-A
-B
-C
-G
-L
-M
-Q
-S
-X
Standard hardware. No designation required.
Metric thread mounting inserts and terminals
Barriers*
277V (50/60Hz only) (See note 3)
Handle guard, (available in ZX, BX and snap-in
versions only)
Handle lock
Handle in opposite pole (2 pole only)
APG style “FAT” handle
Face plate sides ush with protector (see note 4)
Handle guard with no actuation feature
(BX rocker only) (Not available with mid-trip
indication)
Optional
The shaded areas denote VDE and CCC (if applicable)
approval options.This approval requires the addition of a V
at the end of the part number. The V will be added to any
part number formed entirely from shaded decisions.
If non-shaded areas are selected, the unit will not be VDE or
CCC Approved, but other approvals still apply.
V = VDE and CCC Approved
*Not available in toggle seal handle type.
Second Decision
2
Poles andTerminals
Color
Unmarked
Marked
ON-OFF
I-O
Handle marking color is white on black, red, blue & green
handles and black on white, yellow and orange handles.
See alternate 7th decision below for X, ZX & BZ rocker handles.
1
11
111
1111
6
66
666
6666
Push-on
Terminals
Screw
Terminals
*UL Recognized, CSA Certied
**UL Recognized, CSA Certied, VDE Approved
*** UL Recognized UL1500
+ UL489A Listed CSA Certied
++ UL489AListed CSA Certied VDE Approved
Standard toggle/mounting,
no designation required
Toggle w/ snap-in mounting
Rocker w/ standard mounting*
ZX Rocker w/ integral mounting*
BX Rocker w/ integral mounting
Sealed toggle w/bushing mounting**
SelectType andTerminal
First Decision
1
IAG
IUG*
IEG**
CUG+
CEG++
IAGH
IUGH*
IEGH**
CUGH+
CEGH++
IDG***
IDGH***
Type
Handle and Mounting Options
S
X
ZX
BX
N
Description
One toggle handle per pole
marine ignition protection
Note: Add "F" for at screw terminals
* Not available on mid-trip units
** Available only on IAG, IUG units
Single pole
Two pole
Three pole
Four pole
6
IMG**
CMG++
IMGH**
CMGH++
One toggle handle per unit,
marine ignition protection
One toggle handle per pole
One toggle handle per unit
One toggle handle per unit
mid-trip indication
One toggle handle per pole
mid-trip indication
This approval requires the addition of a C at the end
of the part number. The unit will not be VDE Approved.
C = CCC Approved
MARKING DETAIL “A” (SEE TABLE)
INDICATION “ON”
OFF
ON
ON
OFF
LOAD
LOAD
LINE
LOAD
LOAD
LINE
INDICATION “OFF”
LINE
LINE
LINE
LINE
FIG. 2
FIG. 3
FIG. 4
FIG. 5
FIG. 1
FIG. 6
OFF
ON
ON
OFF
OFF
ON
ON
OFF
ROCKER HANDLE
COLOR
INDICATING COLOR
INDICATING
COLOR
MOUNTING/INDICATOR CODE:
A, B, C
MOUNTING/INDICATOR CODE:
F, G, H
ROCKER HANDLE
COLOR
FIG. 2
FIG. 3
FIG. 4
FIG. 5
FIG. 1
FIG. 6
LINE
ROCKER HANDLE
COLOR
INDICATING COLOR
MARKING DETAIL “B” (SEE TABLE)
OFF
ON
ON
OFF
OFF
ON
ON
OFF
O
O
INDICATION “ON”
ON
OFF
LINE
LOAD
LOAD LINE
LOAD LINE
LOAD LINE
MOUNTING/INDICATOR CODE:
J, K, L
O
O
ON
I
OFF
O
INDICATION “OFF”
MOUNTING/INDICATOR CODE: M, N, P, R
FIG. 2
FIG. 3
FIG. 6
LINE
LOAD
LOAD
LINE
O
OFFON
O
O
ON
OFF
MARKING DETAIL “C” (SEE TABLE)
LINE
IAG Series - Decision Tables
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com