Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC43 Datasheet(PDF) 8 Page - TDK Electronics

Part # HVC43
Description  Gas-filled contactor for high-voltage DC switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HVC43 Datasheet(HTML) 8 Page - TDK Electronics

Back Button HVC43 Datasheet HTML 4Page - TDK Electronics HVC43 Datasheet HTML 5Page - TDK Electronics HVC43 Datasheet HTML 6Page - TDK Electronics HVC43 Datasheet HTML 7Page - TDK Electronics HVC43 Datasheet HTML 8Page - TDK Electronics HVC43 Datasheet HTML 9Page - TDK Electronics HVC43 Datasheet HTML 10Page - TDK Electronics HVC43 Datasheet HTML 11Page - TDK Electronics HVC43 Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
High-voltage contactor
See table on page 8
Gas-filled contactor for high-voltage DC switching
HVC43 series
PPD AB PD / PPD AB PM
Version: 01 / 2021-05-04
Please read Cautions and warnings and
Page 8 of 12
Important notes at the end of this document.
Nomenclature of type name
Ordering codes
Continuous current
[ADC]
Coil voltage
[VDC]
Type name
Ordering code
150
12
HVC43-150A-12
B88269X3230C 11
24
HVC43-150A-24
B88269X3330C 11
200
12
HVC43-200A-12
B88269X3220C 11
24
HVC43-200A-24
B88269X3340C 11
250
12
HVC43-250A-12
B88269X3210C 11
24
HVC43-250A-24
B88269X3350C 11
Notes:
1
The diameter must be matched to actual current and operation temperature (see: Cautions and warnings).
2
Detection time 10 µs: micro-openings ≤ 10 µs may occur between main contacts
3
Referring to IEC 60068-2-27
4
Referring to IEC 60068-2-6
5
Referring to IEC 60068-2-64
6
Freezing or condensing must be avoided.
7
Valid for base-model without accessory, other configurations will lead to deviations.
8
The specified values apply to unused contactors acc. to IEC 61810-1.
9
Referring to IEC 60947-4-1, 6000 operations make & break
10 Referring to IEC 60947-4-1, 50% of operations in positive and 50% in negative direction (see: Cautions and warnings)
11 Detection limit 10 mA
12 Measured at rated control voltage UC including contact bouncing time.
13 Specified referring to JIS C 5442 (temperature 15 °C to 35 °C, humidity 25% to 85% RH).
14
End of life is reached when insulation resistance is < 50 MΩ at 1000 V.
15 Duty cycle 50%, cycle duration 1 s, value represents B10 life time acc. to Weibull analysis.
16 Duty cycle is 1% and cycle duration is 600 s.
17
Tested with resistive loads with τ ≤ 1 ms
18 No fire and no explosion will occur after this break
19 Tolerance ±10% at thermal equilibrium
20 For „make & break life curves“ duty cycle is 10% and cycle duration is 6 s. For “break-only life curves” duty cycle is 1%
and cycle duration is 600 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com