Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF147 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF147
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF147 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF147 Datasheet HTML 3Page - NXP Semiconductors BLF147 Datasheet HTML 4Page - NXP Semiconductors BLF147 Datasheet HTML 5Page - NXP Semiconductors BLF147 Datasheet HTML 6Page - NXP Semiconductors BLF147 Datasheet HTML 7Page - NXP Semiconductors BLF147 Datasheet HTML 8Page - NXP Semiconductors BLF147 Datasheet HTML 9Page - NXP Semiconductors BLF147 Datasheet HTML 10Page - NXP Semiconductors BLF147 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
September 1992
7
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF147
Fig.11 Third order intermodulation distortion as a
function of load power, typical values.
Class-AB operation; VDS = 28 V; IDQ = 1 A;
RGS = 9.8 Ω; f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
−20
−30
−40
−50
−60
100
200
MGP055
d3
(dB)
PL (W) PEP
Fig.12 Fifth order intermodulation distortion as a
function of load power, typical values.
Class-AB operation; VDS = 28 V; IDQ = 1 A;
RGS = 9.8 Ω; f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
−20
−30
−40
−60
−50
100
200
MGP056
d5
(dB)
PL (W) PEP
Fig.13 Test circuit for class-AB operation.
f = 28 MHz.
handbook, full pagewidth
MGP057
input
50
Ω
C1
C4
C5
C7
L1
L2
D.U.T.
L3
L7
L4
R2
R1
R3
R4
C3
+VG
C2
C13
C9
C8
C11
C10
C12
C15
+VD
C14
L6
L5
R5
C6
output
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com