Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35BYG201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 35BYG201
Description  HB Stepper Motors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

35BYG201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  35BYG201 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax Orders to 650-960-3875
HB Stepper Motors
Step Angle 1.8°±5%
Insulation Resistant 500V DC 100MO Min
Insulation Strength 50Hz 1Minute 500V Min
Ambient Temperature -20ºC~+50ºC
Temperature Rise 80ºC Max
Shaft Radial Play 0.02mm Max
Shaft End Play 0.1-0.3mm
Stepper Motor
35BYG, 39BYG Series HB Stepper Motors
Size
Price (US$)
Kysan#
MFG#
No.of
Phase
Voltage
(V)
Current
(A)
Resistance
(Ohms)
Holding
Torque
(g.cm)
Detent
Torque
(g.cm)
Weight
(Kg) L0(mm) L1(mm)
1+
10+
100+
1121001
35BYG002
2
3.2
0.8
4.8
500
150
0.14
26
21
16.47
14.82 13.34
1121002
35BYG005
2
12
0.5
20
1000
150
0.14
28
21
22.10
19.89 17.90
1121003
35BYG007
4
15
0.4
28
700
120
0.14
28
21
17.30
15.57 14.01
1121004
35BYG008
2
24
1.6
1.3
900
120
0.14
29
21
17.30
15.57 14.01
1121005
35BYG307
4
12
0.4
30
700
<160
0.15
28
21
17.30
15.57 14.01
1121006
35BYG305
2
12
0.5
20
1000
150
0.14
28
21
17.30
15.57 14.01
1121007
35BYG408
2
2.4
1.6
1.3
900
<180
0.15
29
21
17.30
15.57 14.01
1121008
35BYG202
2
4
0.8
4.8
500
150
0.14
28
21
17.30
15.57 14.01
1121009
35BYG101
2
12
0.4
25
500
<150
0.12
22
21
17.30
15.57 14.01
1121010
35BYG201
2
3.2
0.8
4
510
<150
0.14
26
21
17.30
15.57 14.01
1121011
35BYG202
2
4
0.8
4.8
500
<150
0.14
26
21
17.30
15.57 14.01
1121012
35BYG205
2
12
0.25
45
400
<150
0.14
26
21
17.30
15.57 14.01
1121013
35BYG305
2
12
0.5
20
1000
<160
0.15
28
21
17.30
15.57 14.01
1121014
35BYG310
2
12
0.19
60
800
<160
0.15
28
21
17.30
15.57 14.01
1121002
35BYG005
2
12
0.5
20
1000
150
0.14
28
21
22.10
19.89 17.90
1121004
35BYG008
2
24
1.6
1.3
900
120
0.14
29
21
17.3
15.57 14.01
1121006
35BYG305
2
12
0.5
20
1000
150
0.14
28
21
17.3
15.57 14.01
1121007
35BYG408
2
2.4
1.6
1.3
900
<180
0.15
29
21
17.3
15.57 14.01
1121008
35BYG202
2
4
0.8
4.8
500
150
0.14
28
21
17.3
15.57 14.01
1122001
39BYG101-01
2
5
1
5
1800
150
0.2
34
23
17.53
15.78 14.20
1122002
39BYG101
2
2.8
0.4
6.8
650
<120
0.14
20
19
18.40
16.56 14.90
1122003
39BYG201
2
9.6
0.48
20
1000
200
0.2
24
5
16.46
14.82 13.34
1122004
39BYG401
2
14
0.4
31
2300
200
0.2
34
24
17.30
15.57 14.01
1122005
39BYG401A
2
12
0.4
30
2100
200
0.2
34
24
18.87
16.98 15.28
1122006
39BYG301
2
9.6
0.48
20
1000
200
0.2
24
5
17.30
15.57 14.01
1122007
39BYG105
4
6.8
0.5
13
800
<120
0.14
20
21
17.30
15.57 14.01
1122008
39BYG106
2
2.8
0.4
6.6
600
<120
0.14
20
21
17.30
15.57 14.01
1122009
39BYG302
2
5.12
0.32
16
1000
<260
0.18
25
13
17.30
15.57 14.01
1122010
39BYG403
4
12
0.3
40
130
<260
0.2
34
21
17.30
15.57 14.01
1122011
39BYG407
2
4.6
0.65
7
1800
<260
0.2
34
21
17.30
15.57 14.01
1122012
39BYG411
2
5
1
5
1800
<260
0.2
34
23
17.30
15.57 14.01
1122013
39BYG504
4
12
0.8
7.5
2000
<300
0.24
38
21
17.30
15.57 14.01
1122014
39BYG505
4
15
0.3
50
2000
<260
0.2
38
20
17.30
15.57 14.01
Kysan Electronics
www.kysanelectronics.com
info@kysanelectronics.com
Page 34


Similar Part No. - 35BYG201

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
35BYG203-01 PROMOCO-35BYG203-01 Datasheet
625Kb / 2P
Hybrid Stepper Motor
35BYG204-02 PROMOCO-35BYG204-02 Datasheet
625Kb / 2P
Hybrid Stepper Motor
35BYG205-01 PROMOCO-35BYG205-01 Datasheet
625Kb / 2P
Hybrid Stepper Motor
35BYG207-01 PROMOCO-35BYG207-01 Datasheet
625Kb / 2P
Hybrid Stepper Motor
More results

Similar Description - 35BYG201

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH-4218 TRINAMIC-QSH-4218 Datasheet
466Kb / 13P
QMOT STEPPER MOTORS
QSH-5718 TRINAMIC-QSH-5718_11 Datasheet
400Kb / 15P
QMOT STEPPER MOTORS
QSH-6018 TRINAMIC-QSH-6018 Datasheet
532Kb / 14P
QMOT STEPPER MOTORS
QSH-8618 TRINAMIC-QSH-8618 Datasheet
489Kb / 18P
QMOT STEPPER MOTORS
TMC4361 TRINAMIC-TMC4361 Datasheet
2Mb / 117P
stepper motors
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
MODULE FOR STEPPER MOTORS
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
Module for Stepper Motors
logo
List of Unclassifed Man...
HY20022200100AX08 ETC-HY20022200100AX08 Datasheet
4Mb / 32P
Stepper Motors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com