Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECC83 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECC83
Description  Double Triode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECC83 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECC83 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECC83 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECC83 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECC83 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
"Ei-RC" - Electronic tubes factory
Data Sheet
ECC83/12AX7
Page 1 of 4
ECC83 is A.F. Double Triode
Quick reference data
•
Anode current Ia=1,2mA
•
Transcoductance S=1,6mA/V
•
Amplification µ=100
Heating
Heating is indirect by AC od DC, with serial or parallel supply.
Heater voltage
Vf
6,3
12,6
(V)
Heater current
If
300
150
(mA)
pins
9-(4+5)
4-5
Telephone:
+381 18 550 741
FAX:
+381 18 550 806
Postal address:
Bul. Sv. Cara Konstantina 80-86, 18000 Nis, Yugoslavia
Electronic mail:
eirc@eierc.com
Web site:
http://www.eierc.com/rc


Similar Part No. - ECC83

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECC83 PHILIPS-ECC83 Datasheet
152Kb / 7P
Double triod intended for use as A.F. amplifier
1999.8.14
ECC83 PHILIPS-ECC83 Datasheet
466Kb / 11P
Double Triode
11.11.1954
logo
JJ Electronic
ECC83-12AX7 JJ-ELECTRONIC-ECC83-12AX7 Datasheet
206Kb / 1P
R. F. DOUBLE TRIODE
ECC83-7025 JJ-ELECTRONIC-ECC83-7025 Datasheet
206Kb / 1P
R. F. DOUBLE TRIODE
ECC832 JJ-ELECTRONIC-ECC832 Datasheet
411Kb / 2P
combinated double triode
More results

Similar Description - ECC83

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6H8C ETC-6H8C Datasheet
100Kb / 3P
DOUBLE TRIODE
15EA7 ETC2-15EA7 Datasheet
96Kb / 2P
DOUBLE-TRIODE
5814 ETC2-5814 Datasheet
235Kb / 3P
DOUBLE TRIODE
50Y7GT ETC2-50Y7GT Datasheet
60Kb / 1P
DOUBLE TRIODE
ECC32 ETC2-ECC32 Datasheet
61Kb / 2P
DOUBLE TRIODE
ECC40 ETC2-ECC40 Datasheet
233Kb / 3P
DOUBLE TRIODE
6H1N ETC2-6H1N Datasheet
136Kb / 4P
DOUBLE TRIODE
logo
JJ Electronic
6SL7 JJ-6SL7 Datasheet
482Kb / 2P
Double triode
logo
List of Unclassifed Man...
6N13C ETC-6N13C Datasheet
75Kb / 2P
Double triode
6N5P ETC-6N5P Datasheet
96Kb / 3P
Double triode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com