Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF177 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF177
Description  HF/VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF177 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF177 Datasheet HTML 1Page - NXP Semiconductors BLF177 Datasheet HTML 2Page - NXP Semiconductors BLF177 Datasheet HTML 3Page - NXP Semiconductors BLF177 Datasheet HTML 4Page - NXP Semiconductors BLF177 Datasheet HTML 5Page - NXP Semiconductors BLF177 Datasheet HTML 6Page - NXP Semiconductors BLF177 Datasheet HTML 7Page - NXP Semiconductors BLF177 Datasheet HTML 8Page - NXP Semiconductors BLF177 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
September 1992
2
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF177
FEATURES
• High power gain
• Low intermodulation distortion
• Easy power control
• Good thermal stability
• Withstands full load mismatch.
DESCRIPTION
Silicon N-channel enhancement
mode vertical D-MOS transistor
designed for industrial and military
applications in the HF/VHF frequency
range.
The transistor is encapsulated in a
4-lead, SOT121 flange envelope, with
a ceramic cap. All leads are isolated
from the flange.
A marking code, showing gate-source
voltage (VGS) information is provided
for matched pair applications. Refer
to the 'General' section for further
information.
PINNING - SOT121
PIN
DESCRIPTION
1
drain
2
source
3
gate
4
source
PIN CONFIGURATION
CAUTION
The device is supplied in an antistatic package. The gate-source input must
be protected against static charge during transport and handling.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
andbook, halfpage
MLA876
14
3
2
s
d
g
MBB072
QUICK REFERENCE DATA
RF performance at Th = 25 °C in a common source test circuit.
MODE OF
OPERATION
f
(MHz)
VDS
(V)
PL
(W)
GP
(dB)
ηD
(%)
d3
(dB)
d5
(dB)
SSB class-AB
28
50
150 (PEP)
> 20
> 35
<−30
<−30
CW class-B
108
50
150
typ. 19
typ. 70
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com