Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950812 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950812 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ICS950812 Datasheet HTML 20Page - Renesas Technology Corp ICS950812 Datasheet HTML 21Page - Renesas Technology Corp ICS950812 Datasheet HTML 22Page - Renesas Technology Corp ICS950812 Datasheet HTML 23Page - Renesas Technology Corp ICS950812 Datasheet HTML 24Page - Renesas Technology Corp ICS950812 Datasheet HTML 25Page - Renesas Technology Corp ICS950812 Datasheet HTML 26Page - Renesas Technology Corp ICS950812 Datasheet HTML 27Page - Renesas Technology Corp ICS950812 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542
K—03/23/16
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
24
All 3V66 clocks are to be in pphase with each other. In the case where 3V66_1 is configured as 48MHz VCH clock, there is no
defined phase relationship between 3V66_1_VCH and other 3V66 clocks. The PCI group should lag 3V66 by the standard
skew described below as Tpci.
Un-Buffered Mode 3V66 & PCI Phase Relationship
Group to Group Skews at Common Transition Edges: Unbuffered Mode
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
3V66 to PCI
1,2
S3V66-PCI
3V66 (5:0) leads 33MHz PCI
1.5
2.55
3.5
ns
1Guarenteed by design, not 100% tested in production.
2500ps Tolerance
3V66 (1:0)
3V66 (4:2)
3V66_5
E_PCICLK (3,1)
PCICLK_F (2:0) PCICLK (6:0)
Tpci
Tepci
E_ PC IC L K to P C IC L K Sk e w s
GR OU P
S Y M B O L
C ON D IT ION S
M IN
TY P
M A X
U N IT S
T E_PCI-PCI0
E _P C ICLK 1 (pin 11)= 0
E _P C ICLK 3 (pin 13)= 0
-0.2
0
0.2
ns
E_PC IC LK to PC IC LK
1
T E_PCI-PCI1
E _P C ICLK 1 (pin 11)= 0
E _P C ICLK 3 (pin 13)= 1
0.3
0.5
0.7
ns
T E_PCI-PCI2
E _P C ICLK 1 (pin 11)= 1
E _P C ICLK 3 (pin 13)= 0
0.8
1.0
1.2
ns
T E_PCI-PCI3
E _P C ICLK 1 (pin 11)= 1
E _P C ICLK 3 (pin 13)= 1
1.3
1.5
1.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com