Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951104 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS951104
Description  Programmable Timing Control HubTM for P4TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951104 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS951104 Datasheet HTML 1Page - Renesas Technology Corp ICS951104 Datasheet HTML 2Page - Renesas Technology Corp ICS951104 Datasheet HTML 3Page - Renesas Technology Corp ICS951104 Datasheet HTML 4Page - Renesas Technology Corp ICS951104 Datasheet HTML 5Page - Renesas Technology Corp ICS951104 Datasheet HTML 6Page - Renesas Technology Corp ICS951104 Datasheet HTML 7Page - Renesas Technology Corp ICS951104 Datasheet HTML 8Page - Renesas Technology Corp ICS951104 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated
Circuit
Systems, Inc.
ICS951104
Preliminary Product Preview
0485G—10/13/05
Block Diagram
Pin Configuration
Recommended Application:
ALI 1671/1672 P4 Chipset
Output Features:
•
2 - Pairs of differential CPU clocks (differential current mode)
•
2 - AGP @ 3.3V
•
7 - PCI @ 3.3V
•
1 - 48MHz @ 3.3V fixed
•
1 - REF @ 3.3V, 14.318MHz
•
7 - Pairs of differential SSTL2 DDR @ 2.5V
Features/Benefits:
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write operations.
•
Uses external 14.318MHz crystal.
Key Specifications:
•
CPU Output Jitter <150ps
•
AGP Output Jitter <250ps
•
DDR Output Jitter <250ps
•
CPU - DDR Skew <250ps
•
CPU - AGP/PCI Skew = 2.5ns ± 500ps
Programmable Timing Control Hub
TM for P4TM
56-Pin 300-mil SSOP, 240-mil TSSOP
PLL2
PLL1
Spread
Spectrum
48MHz
REF0
PCICLK (5:0)
AGP (1:0)
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
AGP
DIVDER
DDR
DIVDER
PD#
MULTSEL
SDATA
SCLK
Vtt_PWRGD
CLK_STOP#
PCI_STOP#
FS (3:0)
I REF
RESET#
Control
Logic
Config.
Reg.
2
7
7
2
2
7
CPUCLKT (1:0)
DDRC (6:0)
CPUCLKC (1:0)
DDRT (6:0)
PCICLK_E
Stop
Stop
Stop
Stop
Functionality
Host Swing Select Functions
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
=
f
e
r
I
V
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
0s
m
h
o
0
5
,
%
1
1
2
2
=
r
R
A
m
0
0
.
5
=
f
e
r
I
F
E
R
I
*
4
=
h
o
I0
5
@
V
0
.
1
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0
1 These outputs have 2x drive strength
* Internal Pull-up resistor of 120K to VDD
** These inputs have 120K internal pull-down
to GND
FS3
FS2
FS1
FS0
CPU
DDR
AGP
0
0
0
0
66.66 66.66 66.66
0
0
0
1
66.66 100.00 66.66
0
0
1
0
100.00 66.66 66.66
0
0
1
1
100.00 100.00 66.66
0
1
0
0
100.00 133.33 66.66
0
1
0
1
133.33 66.66 66.66
0
1
1
0
133.33 100.00 66.66
0
1
1
1
133.33 133.33 66.66
1
0
0
0
66.66 66.66 66.66
1
0
0
1
66.66 100.00 66.66
1
0
1
0
100.00 66.66 66.66
1
0
1
1
100.00 100.00 66.66
1
1
0
0
100.00 133.33 66.66
1
1
0
1
133.33 66.66 66.66
1
1
1
0
133.33 100.00 66.66
1
1
1
1
133.33 133.33 66.66
AVCO_CORE
X1
X2
GND
VDD
REF1
VDD
GND
FS1/PCICLK0
FS2/PCICLK9
SSEN_PCICLK1
PCICLK2
GND
VDD
PCICLK3
PCICLK4
PCICLK5
PCI_STOPB
SDA
FS3/AGP0
GND
AGP1
AGP2
AGP3
CPUCLKT0
CPUCLKC0
VDDCPU
CPUCLKT1
CPUCLKC1
CLK_STOPB
GND
GND
DDRT0
GND
VDDL
VDDL
GND
GND
VDDL
DDRC0
DDRT1
DDRC1
DDRT2
DDRC2
DDRT3
DDRC3
DDRT4
DDRC4
DDRT5
DDRC5
PWRGD_PDB
SCL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
50M/REF_SEL_REF0
FS0_REF2
REF3_PLL_50
VDD


Similar Part No. - ICS951104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951402 ICST-ICS951402 Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
logo
Renesas Technology Corp
ICS951402 RENESAS-ICS951402 Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
logo
Integrated Circuit Syst...
ICS951402YFLF-T ICST-ICS951402YFLF-T Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
logo
Renesas Technology Corp
ICS951402YFLF-T RENESAS-ICS951402YFLF-T Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
logo
Integrated Circuit Syst...
ICS951402YGLF-T ICST-ICS951402YGLF-T Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
More results

Similar Description - ICS951104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
ICS932S208 IDT-ICS932S208 Datasheet
157Kb / 21P
Programmable Timing Control HubTM for Next Gen P4TM Processor
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
Programmable Timing Control HubTM for P4TM
01/25/10
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com