Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951412B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS951412B
Description  System Clock Chip for ATI RS480 K8-based Systems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951412B Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS951412B Datasheet HTML 1Page - Renesas Technology Corp ICS951412B Datasheet HTML 2Page - Renesas Technology Corp ICS951412B Datasheet HTML 3Page - Renesas Technology Corp ICS951412B Datasheet HTML 4Page - Renesas Technology Corp ICS951412B Datasheet HTML 5Page - Renesas Technology Corp ICS951412B Datasheet HTML 6Page - Renesas Technology Corp ICS951412B Datasheet HTML 7Page - Renesas Technology Corp ICS951412B Datasheet HTML 8Page - Renesas Technology Corp ICS951412B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
ICS951412B
1232A—06/12/06
PIN
#
PIN NAME
Type
Pin Description
29
ATIGCLKC0
OUT
Complementary clock of differential SRC clock pair.
30
ATIGCLKT0
OUT
True clock of differential SRC clock pair.
31
GNDATI
PWR
Ground for ATI Gclocks, nominal 3.3V
32
VDDATI
PWR
Power supply ATI Gclocks, nominal 3.3V
33
SRCCLKC0
OUT
Complement clock of differential SRC clock pair.
34
SRCCLKT0
OUT
True clock of differential SRC clock pair.
35
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
36
GNDSRC
PWR
Ground pin for the SRC outputs
37
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in
order to establish the appropriate current. 475 ohms is the standard value.
38
GNDA
PWR
Ground pin for the PLL core.
39
VDDA
PWR
3.3V power for the PLL core.
40
CPUCLK8C1
OUT
Complementary clock of differential 3.3V push-pull K8 pair.
41
CPUCLK8T1
OUT
True clock of differential 3.3V push-pull K8 pair.
42
GNDCPU
PWR
Ground pin for the CPU outputs
43
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
44
CPUCLK8C0
OUT
Complementary clock of differential 3.3V push-pull K8 pair.
45
CPUCLK8T0
OUT
True clock of differential 3.3V push-pull K8 pair.
46
GNDHTT
PWR
Ground pin for the HTT outputs
47
HTTCLK0
OUT
3.3V Hyper Transport output
48
VDDHTT
PWR
Supply for HTT clocks, nominal 3.3V.
49
GNDPCI
PWR
Ground pin for the PCI outputs
50
PCICLK0
OUT
PCI clock output.
51
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
52
REF2
OUT
14.318 MHz reference clock.
53
**FS1/REF1
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
54
**FS0/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
55
GND
PWR
Ground pin.
56
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
Pin Descriptions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com