Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952702 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS952702
Description  Programmable Timing Control Hub for K7TM System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952702 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS952702 Datasheet HTML 3Page - Renesas Technology Corp ICS952702 Datasheet HTML 4Page - Renesas Technology Corp ICS952702 Datasheet HTML 5Page - Renesas Technology Corp ICS952702 Datasheet HTML 6Page - Renesas Technology Corp ICS952702 Datasheet HTML 7Page - Renesas Technology Corp ICS952702 Datasheet HTML 8Page - Renesas Technology Corp ICS952702 Datasheet HTML 9Page - Renesas Technology Corp ICS952702 Datasheet HTML 10Page - Renesas Technology Corp ICS952702 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS952702
0795D—05/06/05
B4 bit7
B4 bit6
B4 bit5
ZCLK
AGP
PCI
0
0
0
Main PLL
Main PLL
Main PLL
0
0
1
132
66
33
0
1
0
132
75.4
37.7
0
1
1
132
88
44
1
0
0
Main PLL
Main PLL
Main PLL
1
0
1
132
66
33
1
1
0
132
75.4
33
1
1
1
132
88
33
Table 2: Asynchronous Frequency Selection Table
Bit
0
*01
10
11
MSB
12
4
8
0
0
4
100
8
1000
16
1100
32
1
1
3
101
6
1001
12
1101
24
10
10
5
110
10
1010
20
1110
40
11
11
15
111
30
1011
60
1111
120
LSB
Address
Div
Address
Div
Address
Div
Address
Div
Table 3: AGP Divider Ratio Combination Table
Divider (3:2)
I
2C Table: Revision ID & Output Divider Control Register
Bit 7
REV_ID3
R
-
-
0
Bit 6
REV_ID2
R
-
-
0
Bit 5
REV_ID1
R
-
-
0
Bit 4
REV_ID0
R
-
-
1
Bit 3
AGPDiv3
RW
1
Bit 2
AGPDiv2
RW
1
Bit 1
AGPDiv1
RW
0
Bit 0
AGPDiv0
RW
1
AGP divider ratio can be
configured via these 4
bits individually.
See Table 3: Divider Ratio Combination
Table
1PWD
0
Control Function
Name
Type
-
-
-
-
-
-
-
-
Byte 5
Pin #
Revision ID
I
2C Table: Async Frequency Selection & Output Skew Control Register
Bit 7
ASYNC2
RW
0
Bit 6
ASYNC1
RW
0
Bit 5
ASYNC0
RW
0
Bit 4
Reserved
Reserved
RW
-
-
1
Bit 3
ZCLKSkw1
RW
0
Bit 2
ZCLKSkw0
RW
1
Bit 1
AGPSkw1
RW
0
Bit 0
AGPSkw0
RW
1
Fix PLL Async Freq
Programming bits
See Table 2: Async Frequency Selection
Table
1
-
Byte 4
-
-
-
-
-
-
-
Pin #
Name
Type
Control Function
PWD
0
CPU-ZCLK Skew Control
00:0ps; 01:250ps; 10:500ps; 11:750ps
This byte will advance or delay the skew
by 250ps per step
CPU-AGP Skew Control
00:0ps; 01:250ps; 10:500ps; 11:750ps
This byte will advance or delay the skew
by 250ps per step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com