Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS954101 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS954101
Description  Programmable Timing Control Hub™ for Desktop P4™ Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954101 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS954101 Datasheet HTML 7Page - Renesas Technology Corp ICS954101 Datasheet HTML 8Page - Renesas Technology Corp ICS954101 Datasheet HTML 9Page - Renesas Technology Corp ICS954101 Datasheet HTML 10Page - Renesas Technology Corp ICS954101 Datasheet HTML 11Page - Renesas Technology Corp ICS954101 Datasheet HTML 12Page - Renesas Technology Corp ICS954101 Datasheet HTML 13Page - Renesas Technology Corp ICS954101 Datasheet HTML 14Page - Renesas Technology Corp ICS954101 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS954101
0815G—12/02/08
Electrical Characteristics - REF-14.318MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1
Clock period
Tperiod
14.318MHz output nominal
69.82700
69.85500
ns
1
Absolute Min/Max Clock
period
Tabs
Nominal
68.82033
70.86224
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Output High Current
IOH
V OH @MIN = 1.0 V,
V OH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
IOL
VOL @MIN = 1.95 V,
VOL @MAX = 0.4 V
29
27
mA
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
1
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
1
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Jitter
tjcyc-cyc
VT = 1.5 V
1000
ps
1
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com