Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71215 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IDT71215
Description  BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT71215 Datasheet(HTML) 2 Page - Renesas Technology Corp

  IDT71215 Datasheet HTML 1Page - Renesas Technology Corp IDT71215 Datasheet HTML 2Page - Renesas Technology Corp IDT71215 Datasheet HTML 3Page - Renesas Technology Corp IDT71215 Datasheet HTML 4Page - Renesas Technology Corp IDT71215 Datasheet HTML 5Page - Renesas Technology Corp IDT71215 Datasheet HTML 6Page - Renesas Technology Corp IDT71215 Datasheet HTML 7Page - Renesas Technology Corp IDT71215 Datasheet HTML 8Page - Renesas Technology Corp IDT71215 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6.42
2
IDT71215 BiCMOS Static RAM
240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
Commercial Temperature Range
Pin Configuration
TQFP
Top View
3075 drw 01
PN80-1
VSS
VSS
80
1
VSS
VSS
VSS
NC
TAG4
TAG5
WTOUT /S3OUT
VSS
MATCH
BRDY
VSS
VLDOUT /S1OUT
TAG6
TAG7
TAG8
VSS
VSS
VSS
VSS
VSS
VSS
A7
A6
A5
A4
A3
VSS
VCC
A2
A1
A0
WTIN /S3IN
DTYIN /S2IN
VSS
VSS
VSS
VCCQ
VCCQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com