Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72801L10LPFGI Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 72801L10LPFGI
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72801L10LPFGI Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 72801L10LPFGI Datasheet HTML 4Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 5Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 6Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 7Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 8Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 9Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 10Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 11Page - Renesas Technology Corp 72801L10LPFGI Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
MARCH 2013
NUMBER OF WORDS IN ARRAY A
FFA
FFA
FFA
FFA
FFA
PAFA
PAFA
PAFA
PAFA
PAFA
PAEA
PAEA
PAEA
PAEA
PAEA
EFA
EFA
EFA
EFA
EFA
NUMBER OF WORDS IN ARRAY B
FFB
FFB
FFB
FFB
FFB
PAFB
PAFB
PAFB
PAFB
PAFB
PAEB
PAEB
PAEB
PAEB
PAEB
EFB
EFB
EFB
EFB
EFB
72801
72811
72821
00
0
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
HH
L
H
(n+1) to (256-(m+1))
(n+1) to (512-(m+1))
(n+1) to (1,024-(m+1))
H
H
H
H
(256-m)(2) to 255
(512-m)(2) to 511
(1,024-m)(2) to 1,023
H
L
H
H
256
512
1,024
L
L
H
H
NUMBER OF WORDS IN ARRAY A
FFA
FFA
FFA
FFA
FFA
PAFA
PAFA
PAFA
PAFA
PAFA
PAEA
PAEA
PAEA
PAEA
PAEA
EFA
EFA
EFA
EFA
EFA
NUMBER OF WORDS IN ARRAY B
FFB
FFB
FFB
FFB
FFB
PAFB
PAFB
PAFB
PAFB
PAFB
PAEB
PAEB
PAEB
PAEB
PAEB
EFB
EFB
EFB
EFB
EFB
72831
72841
72851
00
0
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
HH
L
H
(n+1) to (2,048-(m+1))
(n+1) to (4,096-(m+1))
(n+1) to (8,192-(m+1))
H
H
H
H
(2,048-m)(2) to 2,047
(4,096-m)(2) to 4,095
(8,192-m)(2) to 8,191
H
L
H
H
2,048
4,096
8,192
L
L
H
H
Programmable Almost–Full Flag (PAFA, PAFB) — PAFA (PAFB) will
goLOWwhentheamountofdatainArrayA(B)reachesthealmost-fullcondition.
IfnoreadsareperformedafterReset,PAFA(PAFB)willgoLOWafter(256-m)
writes to the IDT72801's FIFO A (B); (512-m) writes to the IDT72811's FIFO
A (B); (1,024-m) writes to the IDT72821's FIFO A (B); (2,048-m) writes to the
IDT72831's FIFO A (B); (4,096-m) writes to the IDT72841's FIFO A (B); or
(8,192-m) writes to the IDT72851's FIFO A (B).
FFA(FFB)issynchronizedwithrespecttotheLOW-to-HIGHtransitionofthe
Write Clock WCLKA (WCLKB). The offset “m” is defined in the Full Offset
registers.
IfthereisnoFulloffsetspecified,PAFA(PAFB)willgoLOWatFull-7words.
PAFA(PAFB)issynchronizedwithrespecttotheLOW-to-HIGHtransition
ofWCLKA(WCLKB).
ProgrammableAlmost–EmptyFlag(PAEA,PAEB)—PAEA(PAEB)will
goLOWwhenthereadpointeris"n+1"locationslessthanthewritepointer. The
offset"n"isdefinedintheEmptyOffset registers. Ifnoreadsareperformedafter
Reset,PAEA(PAEB)willgoHIGHafter"n+1"writestoFIFOA(B).
IfthereisnoEmptyoffsetspecified,PAEA(PAEB)willgoLOWatEmpty+7
words.
PAEA(PAEB)issynchronizedwithrespecttotheLOW-to-HIGHtransition
of the Read Clock RCLKA (RCLKB).
Data Outputs (QA0 – QA8, QB0 – QB8 ) — QA0 - QA8 are the nine data
outputs for memory array A, QB0 - QB8are the nine data outputs for memory
array B.
TABLE 1: STATUS FLAGS FOR A AND B FIFOS
NOTES:
1. n = Empty Offset (n = 7 default value)
2. m = Full Offset (m = 7 default value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com