Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72831L10LPFGI8 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 72831L10LPFGI8
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72831L10LPFGI8 Datasheet(HTML) 2 Page - Renesas Technology Corp

  72831L10LPFGI8 Datasheet HTML 1Page - Renesas Technology Corp 72831L10LPFGI8 Datasheet HTML 2Page - Renesas Technology Corp 72831L10LPFGI8 Datasheet HTML 3Page - Renesas Technology Corp 72831L10LPFGI8 Datasheet HTML 4Page - Renesas Technology Corp 72831L10LPFGI8 Datasheet HTML 5Page - Renesas Technology Corp 72831L10LPFGI8 Datasheet HTML 6Page - Renesas Technology Corp 72831L10LPFGI8 Datasheet HTML 7Page - Renesas Technology Corp 72831L10LPFGI8 Datasheet HTML 8Page - Renesas Technology Corp 72831L10LPFGI8 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
MARCH 2013
QA1
QA2
QA3
QA4
QA5
QA6
QA7
QA8
VCC
WENA2/
LDA
WCLKA
WENA1
RSA
DA8
DA7
DA6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
QB0
FFB
EFB
OEB
RENB2
RCLKB
RENB1
GND
VCC
PAEB
PAFB
DB0
DB1
DB2
DB3
DB4
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
3034 drw 02
PIN CONFIGURATION
TQFP (PN64-1, order code: PF)
STQFP (PP64-1, order code: TF)
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com