Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4520BEY Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4520BEY
Description  DUAL BINARY UP COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4520BEY Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4520BEY Datasheet HTML 1Page - STMicroelectronics HCF4520BEY Datasheet HTML 2Page - STMicroelectronics HCF4520BEY Datasheet HTML 3Page - STMicroelectronics HCF4520BEY Datasheet HTML 4Page - STMicroelectronics HCF4520BEY Datasheet HTML 5Page - STMicroelectronics HCF4520BEY Datasheet HTML 6Page - STMicroelectronics HCF4520BEY Datasheet HTML 7Page - STMicroelectronics HCF4520BEY Datasheet HTML 8Page - STMicroelectronics HCF4520BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
October 2002
s
MEDIUM SPEED OPERATION :
6MHz (Typ.) at 10V
s
POSITIVE -OR NEGATIVE- EDGE
TRIGGERING
s
SYNCHRONOUS INTERNAL CARRY
PROPAGATION
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4520B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4520B, a Dual Binary Up Counter, consists of
two identical, internal 4-stage counters. The
counter stages are D-type Flip-Flops having
interchangeable Clock and Enable lines for
incrementing on either the positive-going or
negative
going
transitions.
For
single-unit
operations the Enable input is maintained High
and the counter advances on each positive going
transition of the Clock. The counters are cleared
by high levels on their Reset lines. The counter
can be cascaded in the ripple mode by connecting
Q4 to the enable input of the subsequent counter
while the clock input of the latter is held low.
HCF4520B
DUAL BINARY UP COUNTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4520BEY
SOP
HCF4520BM1
HCF4520M013TR
DIP
SOP


Similar Part No. - HCF4520BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
315Kb / 14P
DUAL UP-COUNTERS
Jun-1989
More results

Similar Description - HCF4520BEY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
Binary Up/Down Counter
August, 2000 ??Rev. 4
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
Binary up/down counter
January 1995
logo
STMicroelectronics
M54HCT393 STMICROELECTRONICS-M54HCT393 Datasheet
254Kb / 12P
DUAL BINARY COUNTER
Oct-1993
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP Datasheet
291Kb / 8P
DUAL BINARY UP COUNTER
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
Binary Up/Down Counter
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
Dual BCD Up Counter, Dual Binary Up Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP_07 Datasheet
470Kb / 11P
Dual Binary Up Counter
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
Binary Up/Down Counter
March, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com