Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FW32X6T Datasheet(PDF) 21 Page - STMicroelectronics

Part # STR910FW32X6T
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FW32X6T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STR910FW32X6T Datasheet HTML 17Page - STMicroelectronics STR910FW32X6T Datasheet HTML 18Page - STMicroelectronics STR910FW32X6T Datasheet HTML 19Page - STMicroelectronics STR910FW32X6T Datasheet HTML 20Page - STMicroelectronics STR910FW32X6T Datasheet HTML 21Page - STMicroelectronics STR910FW32X6T Datasheet HTML 22Page - STMicroelectronics STR910FW32X6T Datasheet HTML 23Page - STMicroelectronics STR910FW32X6T Datasheet HTML 24Page - STMicroelectronics STR910FW32X6T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
STR91xF
Functional overview
21/72
drawn by the RTC unit on the VBATT pin is very low in this standby mode, IRTC_STBY (this
assumes SRAM battery backup is not enabled).
2.15
JTAG interface
An IEEE-1149.1 JTAG interface on the STR91xF provides In-System-Programming (ISP) of all
memory, boundary scan testing of pins, and the capability to debug the CPU.
Six pins are used on this JTAG serial interface. The five signals JTDI, JTDO, JTMS, JTCK, and
JTRSTn are all standard JTAG signals complying with the IEEE-1149.1 specification. The sixth
signal, JRTCK (Return TCK), is an output from the STR91xF and it is used to pace the JTCK
clock signal coming in from the external JTAG test equipment for debugging. The frequency of
the JTCK clock signal coming from the JTAG test equipment must be at least 10 times less than
the ARM966E-S CPU core operating frequency (fCPUCLK). To ensure this, the signal JRTCK is
output from the STR91xF and is input to the external JTAG test equipment to hold off transitions
of JTCK until the CPU core is ready, meaning that the JTAG equipment cannot send the next
rising edge of JTCK until the equipment receives a rising edge of JRTCK from the STR91xF.
The JTAG test equipment must be able to interpret the signal JRTCK and perform this adaptive
clocking function. If it is known that the CPU clock will always be at least ten times faster than
the incoming JTCK clock signal, then the JRTCK signal is not needed.
The two die inside the STR91xF (CPU die and Flash memory die) are internally daisy-chained
on the JTAG bus, see Figure 3 on page 22. The CPU die has two JTAG Test Access Ports
(TAPs), one for boundary scan functions and one for ARM CPU debug. The Flash memory die
has one TAP for program/erase of non-volatile memory. Because these three TAPs are daisy-
chained, only one TAP will converse on the JTAG bus at any given time while the other two
TAPs are in BYPASS mode. The TAP positioning order within this JTAG chain is the boundary
scan TAP first, followed by the ARM debug TAP, followed by the Flash TAP. All three TAP
controllers are reset simultaneously by one of two methods:
●
A chip-level global reset, caused only by a Power-On-Reset (POR) or a Low Voltage
Detect (LVD).
●
A reset command issued by the external JTAG test equipment. This can be the assertion
of the JTAG JTRSTn input pin on the STR91xF or a JTAG reset command shifted into the
STR91xF serially.
This means that chip-level system resets from watchdog time-out or the assertion of
RESET_INn pin do not affect the operation of any JTAG TAP controller. Only global resets
effect the TAPs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com