Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FW34X6T Datasheet(PDF) 61 Page - STMicroelectronics

Part # STR910FW34X6T
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FW34X6T Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STR910FW34X6T Datasheet HTML 57Page - STMicroelectronics STR910FW34X6T Datasheet HTML 58Page - STMicroelectronics STR910FW34X6T Datasheet HTML 59Page - STMicroelectronics STR910FW34X6T Datasheet HTML 60Page - STMicroelectronics STR910FW34X6T Datasheet HTML 61Page - STMicroelectronics STR910FW34X6T Datasheet HTML 62Page - STMicroelectronics STR910FW34X6T Datasheet HTML 63Page - STMicroelectronics STR910FW34X6T Datasheet HTML 64Page - STMicroelectronics STR910FW34X6T Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
STR91xF
Electrical characteristics
61/72
6.13
Communication interface electrical characteristics
6.13.1 10/100 Ethernet MAC electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Ethernet MII Interface Timings
Figure 16. MII_RX_CLK and MII_TX_CLK timing diagram
Table 20.
MII_RX_CLK and MII_TX_CLK timing table
Figure 17. MDC timing diagram
Table 21.
MDC timing table
Ethernet MII management timings
Figure 18. Ethernet MII management timing diagram
Symbol
Parameter
Symbol
Value
Unit
Min
Max
1
Cycle time
tc(CLK)
40
ns
2
Pulse duration HIGH
tHIGH(CLK)
40%
60%
3
Pulse duration LOW
tLOW(CLK)
40%
60%
4
Transition time
tt(CLK)
1ns
Symbol
Parameter
Symbol
Value
Unit
Min
Max
1
Cycle time
tc(MDC)
266
ns
2
Pulse duration HIGH
tHIGH(MDC)
40%
60%
3
Pulse duration LOW
tLOW(MDC)
40%
60%
4
Transition time
tt(MDC)
1ns
MII_RX_TCLK, MII_TX_CLK
1
2
3
4
4
1
2
3
4
4
MDC
1
2
3
MDC
MDIO
output
MDIO
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com