Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF2048 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF2048
Description  UHF push-pull power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2048 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF2048 Datasheet HTML 4Page - NXP Semiconductors BLF2048 Datasheet HTML 5Page - NXP Semiconductors BLF2048 Datasheet HTML 6Page - NXP Semiconductors BLF2048 Datasheet HTML 7Page - NXP Semiconductors BLF2048 Datasheet HTML 8Page - NXP Semiconductors BLF2048 Datasheet HTML 9Page - NXP Semiconductors BLF2048 Datasheet HTML 10Page - NXP Semiconductors BLF2048 Datasheet HTML 11Page - NXP Semiconductors BLF2048 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2000 Feb 17
8
Philips Semiconductors
Preliminary specification
UHF push-pull power LDMOS transistor
BLF2048
handbook, full pagewidth
MGT014
40
60
40
L6
C16
VBIAS
L25
L19
L17
L15
L13
L12
L9
L7
L5
B4,L21
L22
L18
L16
L14
C14
L23
L10
L11
L8
L6
L4
L1
VDS
VBIAS
VDS
C11
C10
R4
C12
C13
P2
R3
C7
B1,L2
B2,L3
C6
C9
C8
R2
R1
P1
C5
C4
C3
C2
C1
C30
C29
C26
C28
R6
L26
L24
C24
C23
R5
C20
C22
C21
C25
C27
C19
B3,L20
C18
C17
C15
C14
Fig.9 Component layout for 2.2 GHz class-AB test circuit.
Dimensions in mm.
The components are situated on one side of the copper-clad printed-circuit board with Teflon dielectric (
εr = 6.15), thickness 0.64 mm.
The other side is unetched and serves as a ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com