Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF244 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF244
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF244 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF244 Datasheet HTML 4Page - NXP Semiconductors BLF244 Datasheet HTML 5Page - NXP Semiconductors BLF244 Datasheet HTML 6Page - NXP Semiconductors BLF244 Datasheet HTML 7Page - NXP Semiconductors BLF244 Datasheet HTML 8Page - NXP Semiconductors BLF244 Datasheet HTML 9Page - NXP Semiconductors BLF244 Datasheet HTML 10Page - NXP Semiconductors BLF244 Datasheet HTML 11Page - NXP Semiconductors BLF244 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
September 1992
8
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF244
List of components (class-B test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with epoxy fibre-glass dielectric (
εr = 4.5),
thickness 1
⁄16 inch.
3. Refer to Application Information for value.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C12
multilayer ceramic chip capacitor
(note 1)
680 nF
C2
multilayer ceramic chip capacitor
(note 1)
20 pF
C3, C4, C9
film dielectric trimmer
5 to 60 pF
2222 809 08003
C5
multilayer ceramic chip capacitor
(note 1)
75 pF
C6
multilayer ceramic chip capacitor
10 nF
2222 852 47103
C7
multilayer ceramic chip capacitor
(note 1)
100 pF
C8
multilayer ceramic chip capacitor
(note 1)
47 pF
C10, C11
multilayer ceramic chip capacitor
(note 1)
11 pF
C13
solid tantalum capacitor
2.2
µF
C14
multilayer ceramic chip capacitor
100 nF
2222 852 47104
L1
4 turns enamelled 1 mm copper wire 32 nH
length 6.3 mm
int. dia. 3 mm
leads 2
× 5mm
L2
1 turn enamelled 1 mm copper wire
12.2 nH
int. dia. 5.6 mm
leads 2
× 5mm
L3, L4
stripline (note 2)
30
Ω
15
× 6 mm
L5
6 turns enamelled 1 mm copper wire 119 nH
length 10.4 mm
int. dia. 6 mm
leads 2
× 5mm
L6
grade 3B Ferroxcube RF choke
4312 020 36640
L7
2 turns enamelled 1 mm copper wire 19 nH
length 2.4 mm
int. dia. 3 mm
leads 2
× 5mm
L8
4 turns enamelled 1 mm copper wire 28.5 nH
length 8.5 mm
int. dia. 3 mm
leads 2
× 5mm
R1
metal film resistor (note 3)
R2
0.4 W metal film resistor
1 M
Ω
R3
0.4 W metal film resistor
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com