Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF245 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF245
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF245 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF245 Datasheet HTML 4Page - NXP Semiconductors BLF245 Datasheet HTML 5Page - NXP Semiconductors BLF245 Datasheet HTML 6Page - NXP Semiconductors BLF245 Datasheet HTML 7Page - NXP Semiconductors BLF245 Datasheet HTML 8Page - NXP Semiconductors BLF245 Datasheet HTML 9Page - NXP Semiconductors BLF245 Datasheet HTML 10Page - NXP Semiconductors BLF245 Datasheet HTML 11Page - NXP Semiconductors BLF245 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
September 1992
8
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF245
List of components (class-B test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are mounted on a double copper-clad PCB with epoxy fibre-glass dielectric (
εr = 4.5),
thickness 1
⁄16 inch.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1
film dielectric trimmer
4 to 40 pF
2222 809 07008
C2, C8
film dielectric trimmer
5 to 60 pF
2222 809 07011
C3
multilayer ceramic chip capacitor
100 pF
2222 854 13101
C4, C6
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C5
ceramic capacitor
100 pF
2222 680 10101
C7
multilayer ceramic chip capacitor
(note 1)
18 pF
C9
multilayer ceramic chip capacitor
(note 1)
27 pF
C10
multilayer ceramic chip capacitor
(note 1)
24 pF
L1
3 turns enamelled 0.5 mm copper
wire
13.5 nH
length 3.5 mm
int. dia. 2 mm
leads 2
× 2mm
L2, L3
stripline (note 2)
30
Ω
10
× 6mm
L4
6 turns enamelled 1.5 mm copper
wire
98 nH
length 12.5 mm
int. dia. 5 mm
leads 2
× 2mm
L5
grade 3B Ferroxcube RF choke
4312 020 36640
L6
2 turns enamelled 1.5 mm copper
wire
24.5 nH
length 4 mm
int. dia. 5 mm
leads 2
× 2mm
R1
metal film resistor
1 k
Ω
R2
metal film resistor
1 M
Ω
R3
metal film resistor
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com