Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF246B Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF246B
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF246B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF246B Datasheet HTML 7Page - NXP Semiconductors BLF246B Datasheet HTML 8Page - NXP Semiconductors BLF246B Datasheet HTML 9Page - NXP Semiconductors BLF246B Datasheet HTML 10Page - NXP Semiconductors BLF246B Datasheet HTML 11Page - NXP Semiconductors BLF246B Datasheet HTML 12Page - NXP Semiconductors BLF246B Datasheet HTML 13Page - NXP Semiconductors BLF246B Datasheet HTML 14Page - NXP Semiconductors BLF246B Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2000 Feb 04
11
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF246B
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT161A
99-03-29
99-10-04
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 8 leads
SOT161A
U2
H
D
D1
A
F
A
b
M
w3
b1
H1
M
M
C
w2
w1
p
AB
M
M
M
E
E1
Q
c
q
U1
e
e1
C
B
1
2
3
4
7
8
5
6
UNIT
A
mm
D
b
2.04
1.77
b1
2.93
2.66
0.18
0.10
10.22
10.00
E
10.21
10.00
e
3.50
16.81
16.21
10.34
10.08
7.27
6.47
c
e1
U2
0.25
0.25
0.51
w3
18.42
qw2
w1
F
2.70
2.08
U1
24.97
24.71
H1
12.83
12.57
p
3.33
3.07
Q
4.32
4.06
3.80
inches
0.080
0.070
0.115
0.105
0.007
0.004
0.402
0.394
D1
10.21
9.94
0.402
0.391
0.402
0.394
E1
10.21
9.94
0.402
0.391
0.138
0.662
0.638
0.407
0.397
0.286
0.255
0.010
0.010 0.020
0.725
0.106
0.082
0.983
0.973
0.505
0.495
0.131
0.121
0.170
0.160
0.150
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com