Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD6406 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD6406
Description  CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD6406 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD6406 Datasheet HTML 3Page - Exar Corporation XRD6406 Datasheet HTML 4Page - Exar Corporation XRD6406 Datasheet HTML 5Page - Exar Corporation XRD6406 Datasheet HTML 6Page - Exar Corporation XRD6406 Datasheet HTML 7Page - Exar Corporation XRD6406 Datasheet HTML 8Page - Exar Corporation XRD6406 Datasheet HTML 9Page - Exar Corporation XRD6406 Datasheet HTML 10Page - Exar Corporation XRD6406 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
XRD6406
7
Rev. 1.00
1023
768
512
256
0
1V
2V
3V
4V
V1
V2
V3
V4
VIN
Figure 7. A Piece Wise Linear, Logarithmic
Transfer Function
APPLICATION NOTES
Signals should not exceed AVDD or DVDD +0.5V or go below
DGND or AGND --0.5V. All pins have internal protection diodes
that will protect them from short transients (<100ms) outside the
supply range.
AGND and DGND pins are connected internally through the P--
substrate. DC voltage differences between these pins will
cause undesirable internal substrate currents.
The power supply (AVDD) and reference voltage (VRT & VRB)
pins should be decoupled with 0.1mF and 10mF capacitors to
AGND, placed as close to the chip as possible.
The digital outputs should not drive long wires or buses. The
capacitive coupling and reflections will contribute noise to the
conversion.
VIN Analog Input
This part has a switched capacitor type input circuit. This means
that the input impedance changes with the phase of the input
clock.
VIN is sampled at the high to low clock transition.
Figure 8. shows an equivalent input circuit.
Figure 8. Equivalent Input Circuit
160W
+
-
VRT + VRB
VIN
AGND
100W
18pF
1.5pF
AVDD
CLK
CLK
CLK
5pF
2
RTS & RBS Internal Bias Resistors
Two matched resistors are provided on the chip. These resistors
can be used to generate on chip reference voltages. Each
resistor has a value equal to 1/3 of the reference ladder resistor.
By connecting RTS to VRT, and connecting RBS to VRB, the
reference ladder will be biased to 1V at VRB and 4V at VRT.
If the internal reference pins VRTS and/or VRBS are not used they
should be left unconnected.
R1 thru R3 Reference Ladder Taps
These taps connect to every quarter point along the reference
ladder; R1 is 1/4th up from VRB, R3 is 3/4ths up from VRB (or
1/4th down from VRT). Normally these pins should have 0.1
microfarad capacitors to AGND; this helps reduce the INL errors
by stabilizing the reference ladder voltages. These taps can
also be used to alter the transfer curve of the ADC. A four
segment, piecewise linear, custom transfer curve can be
designed by connecting voltage sources to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com