Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF248 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF248
Description  VHF push-pull power MOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF248 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF248 Datasheet HTML 1Page - NXP Semiconductors BLF248 Datasheet HTML 2Page - NXP Semiconductors BLF248 Datasheet HTML 3Page - NXP Semiconductors BLF248 Datasheet HTML 4Page - NXP Semiconductors BLF248 Datasheet HTML 5Page - NXP Semiconductors BLF248 Datasheet HTML 6Page - NXP Semiconductors BLF248 Datasheet HTML 7Page - NXP Semiconductors BLF248 Datasheet HTML 8Page - NXP Semiconductors BLF248 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
September 1992
3
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF248
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Per transistor section unless otherwise specified.
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
65
V
±V
GS
gate-source voltage
−
20
V
ID
DC drain current
−
25
A
Ptot
total power dissipation
up to Tmb = 25 °C total device;
both sections equally loaded
−
500
W
Tstg
storage temperature
−65
150
°C
SYMBOL
PARAMETER
CONDITIONS
THERMAL RESISTANCE
Rth j-mb
thermal resistance from
junction to mounting base
total device; both sections
equally loaded.
0.35 K/W
Rth mb-h
thermal resistance from
mounting base to heatsink
total device; both sections
equally loaded.
0.15 K/W
Fig.2 DC SOAR.
(1) Current is this area may be limited by RDS(on).
(2) Tmb = 25 °C.
Total device; both sections equally loaded.
handbook, halfpage
1
10
102
110
VDS (V)
ID
(A)
102
(1)
MRA933
(2)
Fig.3 Power/temperature derating curves.
(1) Continuous operation.
(2) Short-time operation during mismatch.
Total device; both sections equally loaded.
handbook, halfpage
0
50
100
150
600
0
200
400
MGP203
Th (°C)
Ptot
(W)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com