Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF276 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF276
Description  VHF power MOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF276 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF276 Datasheet HTML 1Page - NXP Semiconductors BLF276 Datasheet HTML 2Page - NXP Semiconductors BLF276 Datasheet HTML 3Page - NXP Semiconductors BLF276 Datasheet HTML 4Page - NXP Semiconductors BLF276 Datasheet HTML 5Page - NXP Semiconductors BLF276 Datasheet HTML 6Page - NXP Semiconductors BLF276 Datasheet HTML 7Page - NXP Semiconductors BLF276 Datasheet HTML 8Page - NXP Semiconductors BLF276 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
December 1997
4
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF276
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID = 30 mA
110
−−
V
IDSS
drain-source leakage current
VGS = 0; VDS = 50 V
−−
1mA
IGSS
gate-source leakage current
±VGS = 20 V; VDS = 0
−−
1
µA
VGS(th)
gate-source threshold voltage
ID = 50 mA; VDS = 10 V
2
−
4.5
V
gfs
forward transconductance
ID = 3 A; VDS = 10 V
2.7
−−
S
RDS(on)
drain-source on-state resistance
ID = 3 A; VGS = 10 V
−
0.4
0.6
Ω
IDSX
on-state drain current
VGS = 10 V; VDS = 10 V
8
12
−
A
Cis
input capacitance
VGS = 0; VDS = 50 V; f = 1 MHz
−
240
−
pF
Cos
output capacitance
VGS = 0; VDS = 50 V; f = 1 MHz
−
95
−
pF
Crs
feedback capacitance
VGS = 0; VDS = 50 V; f = 1 MHz
−
7
−
pF
Fig.4
Temperature coefficient of gate-source
voltage as a function of drain current, typical
values.
VDS = 10 V.
handbook, halfpage
0
−1
−2
−3
−4
−5
10−1
10
10−2
1
ID (A)
TC
(mV/K)
MRA945
Fig.5
Drain current as a function of gate-source
voltage, typical values.
VDS = 10 V.
handbook, halfpage
0
4
8
12
16
02
46
8
ID
(A)
10
VGS (V)
12
14
MRA940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com