Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2005240 Datasheet(PDF) 2 Page - PREMIER DEVICES, INC.

Part # R2005240
Description  Si Reverse, 5 - 200MHz, 24.6dB typ. Gain @ 200MHz, 235A max. @ 24VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

R2005240 Datasheet(HTML) 2 Page - PREMIER DEVICES, INC.

  R2005240 Datasheet HTML 1Page - PREMIER DEVICES, INC. R2005240 Datasheet HTML 2Page - PREMIER DEVICES, INC. R2005240 Datasheet HTML 3Page - PREMIER DEVICES, INC. R2005240 Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
R2005240
Si Reverse, 5 – 200MHz, 24.6dB typ. Gain @ 200MHz, 235A max. @ 24VDC
Page 2 of 4
2004 Jun 01
Document Revision Level D
CHARACTERISTICS
Table 2: Distortion data 5 – 200 MHz; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
CTB
composite triple beat
22 ch. flat; Vo = 50 dBmV
1)
-
- 69
dBc
XMOD
cross modulation
22 ch. flat; Vo = 50 dBmV
1)
-
- 60
dB
CSO
composite second order
22 ch. flat; Vo = 50 dBmV
1)
-
- 67
dBc
d2
second order distortion
2)
- 67
dBc
V0
output voltage
Dim = -60 dB
3)
64.0
dBmV
Notes:
1)
22 channels, NTSC frequency raster: T7 – T13 (7.0 to 43.0 MHz), 2 - 6 (55.25 – 83.25 MHz), A – 7 (121.25 –
175.25MHz), +50 dBmV flat output level.
2)
f1 = 83.25 MHz; V1 = 50 dBmV; f2 = 109.25 MHz; V2 = 50 dBmV; fTEST = f1 + f2 = 192.5 MHz.
3)
f1 = 187.25 MHz; V1 = 50 dBmV; f2 = 194.25 MHz; V2 = V1 – 6dB; f3 = 196.25 MHz; V3 = V1 – 6dB;
fTEST = f1 + f2 - f3 = 185.25 MHz, according to DIN45004B.
Composite Second Order (CSO)
The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB)
The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD)
Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com