Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF346 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF346
Description  VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF346 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF346 Datasheet HTML 4Page - NXP Semiconductors BLF346 Datasheet HTML 5Page - NXP Semiconductors BLF346 Datasheet HTML 6Page - NXP Semiconductors BLF346 Datasheet HTML 7Page - NXP Semiconductors BLF346 Datasheet HTML 8Page - NXP Semiconductors BLF346 Datasheet HTML 9Page - NXP Semiconductors BLF346 Datasheet HTML 10Page - NXP Semiconductors BLF346 Datasheet HTML 11Page - NXP Semiconductors BLF346 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Oct 02
8
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF346
List of components (see Figs 10 and 11).
Notes
1. American Technical Ceramics capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board with epoxy fibre-glass dielectric (
ε
r = 4.5); thickness
1
⁄16 inch.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1
film dielectric trimmer
2 to 18 pF
2222 809 09003
C2
multilayer ceramic chip capacitor
(note 1)
10 pF, 500 V
C3, C15, C16
film dielectric trimmer
4 to 40 pF
2222 809 08002
C4, C5
multilayer ceramic chip capacitor
(note 1)
56 pF, 500 V
C6, C12
multilayer ceramic chip capacitor
(note 1)
680 pF, 500 V
C7, C8, C9
multilayer ceramic chip capacitor
100 nF, 50 V
2222 852 47104
C10, C11
multilayer ceramic chip capacitor
(note 1)
43 pF, 500 V
C13
electrolytic capacitor
10
µF, 63 V
2222 030 38109
C14
multilayer ceramic chip capacitor
(note 1)
27 pF, 500 V
L1
4 turns enamelled 0.7 mm copper
wire
42.4 nH
length 4 mm;
int. dia. 3 mm;
leads 2
× 5mm
L2
stripline (note 2)
50
Ω
length 49 mm;
width 2.8 mm
L3, L4
stripline (note 2)
31
Ω
length 11.5 mm;
width 6 mm
L5
2 turns enamelled 1.5 mm copper
wire
18.7 nH
length 8 mm;
int. dia. 4 mm;
leads 2
× 5mm
L6
grade 3B Ferroxcube RF choke
4312 020 36642
L7
stripline (note 2)
31
Ω
length 40 mm;
width 6 mm
L8
3 turns enamelled 1.5 mm copper
wire
28.8 nH
length 8 mm;
int. dia. 4 mm;
leads 2
× 5mm
R1
metal film resistor
1 k
Ω, 0.4 W
2322 151 71002
R2
metal film resistor
100 k
Ω, 0.4 W
2322 151 71004
R3
10 turns cermet potentiometer
100
Ω
R4
metal film resistor
316 k
Ω, 0.4 W
2322 153 53161
R5
metal film resistor
10
Ω, 0.4 W
2322 153 51009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com