Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADCSM0012SMB Datasheet(PDF) 1 Page - Tyco Electronics

Part # MADCSM0012SMB
Description  PCS LNA / Downconverter 1800-2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0012SMB Datasheet(HTML) 1 Page - Tyco Electronics

  MADCSM0012SMB Datasheet HTML 1Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 2Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 3Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 4Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 5Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PCS LNA/Downconverter
1800-2000 MHz
MADCSM0012
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• Highly Integrated LNA and Downconverter
• 3mm 16-Lead PQFN
• Operates over 2.7 V to 5 V Supply Voltage
• Low Noise Figure: 2.3 dB Typical
• High Input Intercept Point: -9 dBm Typical
• Continuous Current Control Downconverter
• Low LO Drive Level: -10 dBm
Description
M/A-COM’s
MADCSM0012
integra t e d
downconverter combines a low noise amplifier, a RF
amplifier, a downconverting mixer, an IF amplifier,
and LO buffer amplifier.
The MADCSM0012 is
packaged in a low cost 3mm 16-Lead PQFN with an
exposed
pad
for
improved
high
frequency
grounding.
M/A-COM designed the MADCSM0012 for handsets
requiring wide dynamic range and low power
consumption. By application of a suitable control
voltage to pin 6, the linearity of the device can be
controlled in real time to keep the current as low as
possible
The MADCSM0012 is fabricated using M/A-COM’s
0.5-micron low noise E/D GaAs MESFET process.
The process features full passivation for increased
performance and reliability.
Functional Block Diagram
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Ordering Information
1
Part Number
Package
MADCSM0012
Bulk Packaging
MADCSM0012TR
Tape and Reel (1K Reel)
MADCSM0012SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Voltage
6 V
Input Power
0 dBm
Operating Temperature
-30°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Configuration
Pin No. Pin Name
Description
1
LNA IN
Input to LNA; RF matching required
2
GND
DC and RF Ground
3
LNA SRC
Source of LNA output stage FET.
RF bypassing required. Off-chip resis-
tor may be used to increase IIP3
4
LNA OUT
50 Ohm LNA output; DC Blocked
5
LNA VDD2
LNA second stage supply voltage;
RF bypassing required
6
VCTL
Downconverter bias control.
0 to 3.0 V allowed
7
GND
DC and RF Ground
8
RFA VDD
RFA supply voltage;
RF bypassing required
9
GND
DC and RF Ground
10
RFA IN
50 Ohm RFA Input; DC Blocked
11
LOA VDD
LOA supply voltage;
RF bypassing required
12
GND
DC and RF Ground
13
LOA IN
Local oscillator input (-10 to –5 dBm)
14
IF OUT
IF Output of downconverter;
IF matching required
15
IFA MATCH
IF matching between mixer and IFA;
required an inductor to ground
16
LNA VDD1
LNA first stage supply voltage;
RF bypassing required


Similar Part No. - MADCSM0012SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADCSM0011 MACOM-MADCSM0011 Datasheet
167Kb / 5P
Dual Mode Cellular Downconverter 869 - 893 MHz
MADCSM0011SMB MACOM-MADCSM0011SMB Datasheet
167Kb / 5P
Dual Mode Cellular Downconverter 869 - 893 MHz
MADCSM0011TR MACOM-MADCSM0011TR Datasheet
167Kb / 5P
Dual Mode Cellular Downconverter 869 - 893 MHz
More results

Similar Description - MADCSM0012SMB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
3V PCS DOWNCONVERTER
logo
Tyco Electronics
MAMXES0009 MACOM-MAMXES0009 Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 1800-2000 MHz
MD59-0021 MACOM-MD59-0021 Datasheet
123Kb / 5P
PCS CDMA LNA / Downconverter 1.8-2.0 GHz
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
Highly Linear LNA/Downconverter 800-900 MHz
MD59-0049 MACOM-MD59-0049 Datasheet
353Kb / 10P
PCS CDMA LNA/Downconverter 1.80-2.0 GHz
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
1800-2000 MHz. Linear Power Amplifier
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
I/Q Modulator/Demodulator 1800-2000 MHz
logo
Texas Instruments
TRF4000 TI-TRF4000 Datasheet
102Kb / 8P
PCS RF DOWNCONVERTER
logo
TriQuint Semiconductor
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
500 ??2000 MHz Bypass LNA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com