Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF378 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF378
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF378 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF378 Datasheet HTML 1Page - NXP Semiconductors BLF378 Datasheet HTML 2Page - NXP Semiconductors BLF378 Datasheet HTML 3Page - NXP Semiconductors BLF378 Datasheet HTML 4Page - NXP Semiconductors BLF378 Datasheet HTML 5Page - NXP Semiconductors BLF378 Datasheet HTML 6Page - NXP Semiconductors BLF378 Datasheet HTML 7Page - NXP Semiconductors BLF378 Datasheet HTML 8Page - NXP Semiconductors BLF378 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Jul 29
4
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF378
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor section
V(BR)DSS
drain-source breakdown voltage VGS = 0; ID =50mA
110
−−
V
IDSS
drain-source leakage current
VGS = 0; VDS =50V
−−
2.5
mA
IGSS
gate-source leakage current
VGS = ±20 V; VDS =0
−−
1
µA
VGSth
gate-source threshold voltage
ID = 50 mA; VDS =10V
2.0
−
4.5
V
∆V
GS
gate-source voltage difference
of both transistor sections
ID = 50 mA; VDS =10V
−−
100
mV
gfs
forward transconductance
ID = 5 A; VDS = 10 V
4.5
6.2
−
S
gfs1/gfs2
forward transconductance ratio
of both transistor sections
ID = 5 A; VDS = 10 V
0.9
−
1.1
RDSon
drain-source on-state resistance ID = 5 A; VGS =10V
−
0.2
0.3
Ω
IDSX
on-state drain current
VGS = 10 V; VDS =10V
−
25
−
A
Cis
input capacitance
VGS = 0; VDS = 50 V; f = 1 MHz
−
480
−
pF
Cos
output capacitance
VGS = 0; VDS = 50 V; f = 1 MHz
−
190
−
pF
Crs
feedback capacitance
VGS = 0; VDS = 50 V; f = 1 MHz
−
14
−
pF
Cd-f
drain-flange capacitance
−
5.4
−
pF
Fig.4
Temperature coefficient of gate-source
voltage as a function of drain current; typical
values per section.
VDS =10V.
handbook, halfpage
0
−5
10−2
10−1
MGE623
110
−4
−3
−2
−1
T.C.
(mV/K)
ID (A)
Fig.5
Drain current as a function of gate-source
voltage; typical values per section.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
0
30
20
10
0
5
ID
(A)
10
VGS (V)
15
MGE622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com