Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF404 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF404
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF404 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF404 Datasheet HTML 2Page - NXP Semiconductors BLF404 Datasheet HTML 3Page - NXP Semiconductors BLF404 Datasheet HTML 4Page - NXP Semiconductors BLF404 Datasheet HTML 5Page - NXP Semiconductors BLF404 Datasheet HTML 6Page - NXP Semiconductors BLF404 Datasheet HTML 7Page - NXP Semiconductors BLF404 Datasheet HTML 8Page - NXP Semiconductors BLF404 Datasheet HTML 9Page - NXP Semiconductors BLF404 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Jan 29
6
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF404
APPLICATION INFORMATION
RF performance at Tmb ≤ 60 °C in a common source test circuit with the device soldered on a printed-circuit board with
through metallized holes.
Ruggedness in class-AB operation
The BLF404 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the
following conditions: f = 500 MHz; VDS = 12.5 V; PL = 4 W; Tmb ≤ 60 °C.
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(A)
PL
(W)
Gp
(dB)
ηD
(%)
CW, class-AB
500
12.5
50
4
≥10
≥50
typ. 11.5
typ. 55
Fig.8
Power gain and drain efficiency as
functions of load power; typical values.
CW, class-AB operation; f = 500 MHz; VDS = 12.5 V;
IDQ = 50 mA; Tmb ≤ 60 °C.
handbook, halfpage
0246
16
20
12
4
0
8
MGM520
PL (W)
Gp
(dB)
Gp
η
D
(%)
η
D
100
80
0
20
40
60
CW, class-AB operation; f = 500 MHz; VDS = 12.5 V;
IDQ = 50 mA; Tmb ≤ 60 °C.
Fig.9
Load power as a function of drive power;
typical values.
handbook, halfpage
0
6
2
4
0
600
MGM521
200
400
PL
(W)
PD (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com