Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2S29 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2S29
Description  Long Focal Distance, Reflective Type Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S29 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2S29 Datasheet HTML 1Page - Sharp Corporation GP2S29 Datasheet HTML 2Page - Sharp Corporation GP2S29 Datasheet HTML 3Page - Sharp Corporation GP2S29 Datasheet HTML 4Page - Sharp Corporation GP2S29 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GP2S29
GP2S29
s Absolute Maximum Ratings
s Outline Dimensions
(Unit : mm)
4
Prism
(φ0.9)
2
−(2)
4±
0.1
8
5.5
6±
0.1
4
−(0.4)
2-
φ1+0
−0.1
R2.0
12
3
4
1
2
3
4
φ2 +0.2
−0
(φ
1.5)
1
2
3
4
Anode
Cathode
Emitter
Collector
Internal connection diagram
g Unspecified tolerance :
±0.15mm
g ( ) : Reference dimensions
Parameter
Symbol
Rating
Unit
Forward current
50
1
mA
A
6
V
75
75
mW
mW
100
mW
35
6
V
V
20
mA
−25 to +85
˚C
Storage temperature
−40 to +100
˚C
260
˚C
Operating temperature
Reverse voltage
Peak forward current
Power dissipation
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector dissipation
IF
VR
IFM
P
VCEO
VECO
ICP
PC
Tstg
Topr
Ptot
(Ta
=25˚C)
Soldering temperature
Tsol
*1
*1
*1
*1
*3
*2
*1 The derating factors of absolute maximum ratings due to ambient temperature
are shown in Fig.1 to 2
*2 Pulse width
<=100µs, Duty ratio:0.01
*3 For 3s
Total power dissipation
1. Printers
2. Facsimiles
3. DAT
4. Copiers
5. LBPs
s Features
s Applications
Long Focal Distance, Reflective
Type Photointerrupter
1. Wide range of detecting distance
(Detecting distance : 1 to 20mm)
2. Prism system
3. High sensitivity (S/N ratio : 75)
4. Easy circuit design in sub sequent stage due to large output
current
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
Soldering area


Similar Part No. - GP2S29

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S22 SHARP-GP2S22 Datasheet
51Kb / 4P
Subminiature Photointerrupter
GP2S24 SHARP-GP2S24 Datasheet
72Kb / 5P
Subminiature Photointerrupter
GP2S24ABJ00F SHARP-GP2S24ABJ00F Datasheet
156Kb / 12P
Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S24BCJ00F SHARP-GP2S24BCJ00F Datasheet
156Kb / 12P
Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S24BJ000F SHARP-GP2S24BJ000F Datasheet
156Kb / 12P
Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
More results

Similar Description - GP2S29

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A20 SHARP-GP2A20 Datasheet
46Kb / 3P
Light Modulation, Long Focal Distance Type OPIC Photointerrupter
GP2L01 SHARP-GP2L01 Datasheet
51Kb / 4P
High Sensitivity, Long Focal Distance Type Photointerrupter
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
Long Focal Distance Type Photointerrupter
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
Long Focal Distance Type Photointerrupter
GP2S28 SHARP-GP2S28 Datasheet
47Kb / 4P
Long Focal Distance, Case Type Photointerrupter
GP2S30 SHARP-GP2S30 Datasheet
53Kb / 4P
Long Focal Distance Type Photointerrupter with Connector
GP2S40 SHARP-GP2S40 Datasheet
48Kb / 4P
Long Focal Distance, Subminiature Photointerrupter
GP2A10 SHARP-GP2A10 Datasheet
73Kb / 3P
LONG FOCAL DISTANCE OPEN COLLECTOR OUTPUT REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
logo
TT Electronics.
OPB720 TTELEC-OPB720 Datasheet
161Kb / 2P
Long Distance Reflective Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com