Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10049 Datasheet(PDF) 13 Page - Norgren Ltd

Part # 10049
Description  PNEUFIT 10 series Push-in fittings
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

10049 Datasheet(HTML) 13 Page - Norgren Ltd

Back Button 10049 Datasheet HTML 9Page - Norgren Ltd 10049 Datasheet HTML 10Page - Norgren Ltd 10049 Datasheet HTML 11Page - Norgren Ltd 10049 Datasheet HTML 12Page - Norgren Ltd 10049 Datasheet HTML 13Page - Norgren Ltd 10049 Datasheet HTML 14Page - Norgren Ltd 10049 Datasheet HTML 15Page - Norgren Ltd 10049 Datasheet HTML 16Page - Norgren Ltd 10049 Datasheet HTML 17Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
03/23
1
2
1
2
1
2
1
2
en 9.1.060.13
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (1999 - 900g) © 2021 Norgren GmbH
Dimensions in mm
Projection/First angle
Elbow flow control, regulating out, BSP taper
10TA0
B
B1
C
C1 E
Max
E1
G
ØK AF AF1 Weight (g) Model
R1/8 Rc1/8 18.2 7.3
40.7 16.0 7.6 14.5 12 15
30
10TA01818
R1/4 Rc1/4 26.5 9.5 46.6 21.1 10.6 18.0 15 19
60
10TA02828
R3/8 Rc3/8 30.8 11.6 54.9 25.0 12.6 23.0 19 24
107
10TA03838
R1/2 Rc1/2 38.7 14.0 60.1 29.1 14.5 26.5 24 28
170
10TA04848
Elbow flow control, regulating out,
BSP parallel
10KA0
B
C
C1
E
Max
E1
G
ØK AF
AF1 Weight (g) Model
G1/8 17.7
7.3
40.7 14.8 6.0
14.5 8
15
31
10KA01818
G1/4 26.0 9.5
46.6 15.8 8.0
18
12
19
66
10KA02828
G3/8 30.3 11.6
54.9 18.4 8.0
23
15
24
117
10KA03838
G1/2 38.2 14.0 60.1 22.1
9.0
26.5 19
28
180
10KA04848
Banjo flow control, regulating out,
BSP parallel to tube Push-in
10K51
ØA B1
C
D
E
ØK G T
AF Weight (g) Model
4
M5
18
5
21,5
8,6
3,5 14,0
8
11
10K510405
4
G1/8 21,5 12,5
31,5
9
5
14,0
12
29
10K510418
6
M5
19
5
21,5
10,4 3,5 15,0
8
12
10K510605
6
G1/8 24
12,5
31,5
12,7 5
16,0
12
31
10K510618
6
G1/4 26
12,5
32,5
12,7 6
16,0
15
44
10K510628
8
G1/8 25,5 12,5
31,5
14,2 5
17,5
12
34
10K510818
8
G1/4 27,5 12,5
32,5
14,2 6
17,5
15
47
10K510828
8
G3/8 28,5 12,5
40,5 14,2 8
17,5
18
68
10K510838
10 G1/4 29
12,5
32,5
16,5 6
20,2
15
47
10K511028
10 G3/8 30,5 12,5
40,5 16,5 8
20,2
18
68
10K511038
12 G3/8 29,5 12,5
40,5 19,5 8
19,2
18
79
10K511238
12 G1/2 32,5 24,5
75
19,5 8
19,2
27
182
10K511248
Elbow banjo assembly
Regulating-out BSP parallel
16K51
B
B1
C
D
E
G
AF
Weight (g)
Model
G1/8 G1/8
20
12,5
31,5
5
12
30
16K511818
G1/4
G1/4
23,5
12,5
32,5
6
15
47
16K512828
G3/8 G3/8
26,5
12,5
42
8
19
74
16K513838
G1/2
G1/2
34,5
24,5
70,5
8
27
235
16K514848
Material: Zinc die-casting
Material: Zinc die-casting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com