Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED-IPC2000 Datasheet(PDF) 5 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 5 Page - EDA Technology Co.,LTD

  ED-IPC2000 Datasheet HTML 1Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 2Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 3Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 4Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 5Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 6Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 7Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 8Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 9Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
1
1 Product Overview
ED-IPC2000 series are computers based on Raspberry Pi CM4 for industrial application scenarios. ED-
IPC2000 series are compatible with the hardware and software of Raspberry Pi, and its overall size is
slightly larger than that of Pi4. It has made a lot of enhancements to industrial applications, adding an
aluminum alloy shell outside to greatly improve the heat dissipation performance, and adding additional
encryption chips and RTC and other common modules on the board.
1.1 Target Application
Multimedia entertainment
AI development
Intelligent instrument
Panoramic display
Intelligent life
1.2 Specifications and Parameters
Function
Parameters
CPU
Broadcom BCM2711 4 core Cortex A72 1.5GHz (ARM v8) 64-bit CPU
RAM
1GB/2GB/4GB/8GB option
eMMC
8GB/16GB/32GB option
WiFi/BT
2.4G/5.8G WiFi, Bluetooth BLE5.0
Ethernet
10/100/1000M support POE
SD card
Support micro SD card as extended storage
HDMI
1x standard HDMI Type A
HDMI FPC port (optional)
1x HDMI + 1x USB touch
support 12-inch, 15-inch and 19-inch touch screens
Note: Only ED-IPC2020 includes this interface.
USB
2x standard USB 3.0 port
1x standard USB 2.0 port
DSI (optional)
1x DSI port,support 7-inch and 10-inch touch screens
Note: Only ED-IPC2020 includes this interface.
CSI (optional)
1x CSI port,support camera function
Note: Only ED-IPC2020 includes this interface.
Real Time Clock
Support RTC
Encryption Chip
Have onboard encryption chip ATECC608.
Buzzer
1x buzzer
Power Output
5V@1A line-to-board connector output
12V@1A Line-to-Board Connector Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com