Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0005BR Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 80KSW0005BR
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BR Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 80KSW0005BR Datasheet HTML 17Page - Renesas Technology Corp 80KSW0005BR Datasheet HTML 18Page - Renesas Technology Corp 80KSW0005BR Datasheet HTML 19Page - Renesas Technology Corp 80KSW0005BR Datasheet HTML 20Page - Renesas Technology Corp 80KSW0005BR Datasheet HTML 21Page - Renesas Technology Corp 80KSW0005BR Datasheet HTML 22Page - Renesas Technology Corp 80KSW0005BR Datasheet HTML 23Page - Renesas Technology Corp 80KSW0005BR Datasheet HTML 24Page - Renesas Technology Corp 80KSW0005BR Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
14 Interrupt (IRQ) Electrical Specifications
At recommended operating conditions with VDD3 = 3.3V ± 5%
At recommended operating conditions with VDD3 = 2.5V ± 100mV
Figure 13 IRQ Timing Diagram
The IRQ pin is an open-drain driver. IDT recommends a weak pull-up resistor (2-10k Ohm) be placed on this pin to VDD3. The IRQ pin goes active low
when any special error filter error flag is set, and is cleared when all error flags are reset. Please refer to the device user’s manual for full detail.
Parameter
Symbol
Min
Max
Unit
Output low voltage (IOL = 4mA, VDD3 = Min.)
VOL
00.4
V
Output fall time from VIH(min) to VIL(max) with a bus
capacitance from 10pF to 400pF
tOF
-25
ns
Input current each I/O pin (input voltage is between
0.1 x VDD3 and 0.9 x VDD3 (max))
II
-10
10
uA
Capacitance for IRQ_N
CI
-10
pF
Table 15 IRQ Electrical Specifications (VDD3 = 3.3V ± 5%)
Parameter
Symbol
Min
Max
Unit
Output low voltage (IOL = 2mA, VDD3 = Min.)
VOL
00.4
V
Output fall time from VIH(min) to VIL(max) with a bus
capacitance from 10pF to 400pF
tOF
-25
ns
Input current each I/O pin (input voltage is between
0.1 x VDD3 and 0.9 x VDD3 (max))
II
-10
10
uA
Capacitance for IRQ_N
CI
-10
pF
Table 16 IRQ Electrical Specifications (VDD3 = 2.5V ± 100mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com