Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1802ACD3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CDP1802ACD3
Description  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802ACD3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button CDP1802ACD3 Datasheet HTML 2Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 3Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 4Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 5Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 6Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 7Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 8Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 9Page - Renesas Technology Corp CDP1802ACD3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
CDP1802AC/3
FN1441 Rev 3.00
Page 6 of 27
October 17, 2008
Dynamic Electrical Specifications CL = 50pF, Timing Measurement at 0.5 VDD Point. Parameters with MIN and/or MAX limits are
100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
PARAMETERS
VDD (V)
-55°C TO +25°C
+125°C
UNITS
MIN
MAX
MIN
MAX
PROGAGATION DELAY TIMES, tPLH, tPHL
Clock to TPA, TPB
5
-
275
-
370
ns
Clock-to-Memory High Address Byte, tPLH, tPHL
5
-
725
-
950
ns
Clock-to-Memory Low Address Byte Valid, tPLH, tPHL
5
-
340
-
425
ns
Clock to MRD, tPLH, tPHL
5
-
340
-
425
ns
Clock to MWR, tPLH, tPHL
5
-
275
-
370
ns
Clock to (CPU DATA to BUS) Valid, tPLH, tPHL
5
-
430
-
550
ns
Clock to State Code, tPLH, tPHL
5
-
440
-
550
ns
Clock to Q, tPLH, tPHL
5
-
375
-
475
ns
Clock to N (0 to 2), tPLH, tPHL
5
-
400
-
525
ns
INTERFACE TIMING REQUIREMENTS (Note 7)
Data Bus Input Setup, tSU
510
-
10
-
ns
Data Bus Input Hold, tH
5
175
-
230
-
ns
DMA Setup, tSU
510
-
10
-
ns
DMA Hold, tH
5
200
-
270
-
ns
Interrupt Setup, tSU
510
-
10
-
ns
Interrupt Hold, tH
5
175
-
230
-
ns
WAIT Setup, tSU
530
-
30
-
ns
EF1-4 Setup, tSU
520
-
20
-
ns
EF1-4 Hold, tH
5
100
-
135
-
ns
REQUIRED PULSE WIDTH TIMES
CLEAR Pulse Width, tWL
5
150
-
200
-
ns
CLOCK Pulse Width, tWL
5
140
-
185
-
ns
NOTE:
7. Minimum input setup and hold times required by Part CDP1802AC/3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com