Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE8295AI Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE8295AI
Description  NCE N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE8295AI Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE8295AI Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8295AI Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8295AI Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8295AI Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8295AI Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8295AI Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8295AI Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Co., Ltd
Page
V1.0
1
NCE8295AI
Pb Free Product
http://www.ncepower.com
NCE N-Channel Enhancement Mode Power MOSFET
Description
The NCE8295AI uses advanced trench technology and design
to provide excellent RDS(ON) with low gate charge. This device is
suitable for use in PWM, load switching and general purpose
applications.
General Features
●
VDS =82V,ID =95A
RDS(ON) < 8.0 mΩ @ VGS=10V (Typ:6.6mΩ)
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Special designed for convertors and power controls
●
Good stability and uniformity with high EAS
●
Excellent package for good heat dissipation
●
Special process technology for high ESD capability
Application
●
Power switching application
●
Hard switched and High frequency circuits
●
Uninterruptible power supply
100% UIS TESTED!
100% ΔVds TESTED!
Schematic diagram
Marking and pin assignment
TO-251 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE8295AI
NCE8295AI
TO-251-3L
-
-
-
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
82
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
95
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
67
A
Pulsed Drain Current
IDM
320
A
Maximum Power Dissipation
PD
170
W
Derating factor
1.13
W/℃
Single pulse avalanche energy (Note 5)
EAS
529
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Case(Note 2)
RθJC
0.88
℃
/W


Similar Part No. - NCE8295AI

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE8295A NCEPOWER-NCE8295A Datasheet
709Kb / 8P
NCE N-Channel Enhancement Mode Power MOSFET
V5.0
NCE8295AD NCEPOWER-NCE8295AD Datasheet
643Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V3.0
NCE8295AG NCEPOWER-NCE8295AG Datasheet
616Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V2.0
NCE8295AK NCEPOWER-NCE8295AK Datasheet
619Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V2.0
More results

Similar Description - NCE8295AI

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com