Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1000 Datasheet(PDF) 8 Page - Pico Technology Ltd.

Part # 1000
Description  Multipurpose data acquisition
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

1000 Datasheet(HTML) 8 Page - Pico Technology Ltd.

  1000 Datasheet HTML 1Page - Pico Technology Ltd. 1000 Datasheet HTML 2Page - Pico Technology Ltd. 1000 Datasheet HTML 3Page - Pico Technology Ltd. 1000 Datasheet HTML 4Page - Pico Technology Ltd. 1000 Datasheet HTML 5Page - Pico Technology Ltd. 1000 Datasheet HTML 6Page - Pico Technology Ltd. 1000 Datasheet HTML 7Page - Pico Technology Ltd. 1000 Datasheet HTML 8Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ordering information
Product name
Description
PicoLog 1012 Data Logger
Data logger with 12 input channels and 10 bit resolution.
PicoLog 1012 with terminal board
Data logger with 12 input channels and 10 bit resolution including terminal
board.
PicoLog 1216 Data Logger
Data logger with 16 channels and 12 bit resolution.
PicoLog 1216 with terminal board
Data logger with 16 channels and 12 bit resolution including terminal board.
Optional accessories
Product name
Description
PP545 Small terminal board for PicoLog 1000
Enables easy connection to the PicoLog 1012 and 1216 Data Loggers.
CC008 Calibration: voltage logger
Calibration service offered by Pico on its voltage input data loggers.
MI106 USB 2.0 cable, 1.8 m*
Replacement Pico blue USB 2.0 cable, 1.8 m
TA268 USB 2.0 cable, 0.5 m*
Pico blue USB 2.0 cable, 0.5 m
*
Pico blue USB cables are designed and built specifically for use with Pico Technology oscilloscopes and data loggers in order to minimize
voltage drop and noise. Take care to use your PicoLog 1000 Series data logger with Pico blue USB cables only.
Errors and omissions excepted. Pico Technology, PicoLog, PicoScope and PicoSDK are internationally registered trademarks of Pico
Technology Ltd.
LabVIEW is a trademark of National Instruments Corporation. Linux is the registered trademark of Linus Torvalds, registered in the U.S. and
other countries. macOS is a trademark of Apple Inc., registered in the U.S. and other countries. MATLAB is a registered trademark of The
MathWorks, Inc. Windows and Excel are registered trademarks of Microsoft Corporation in the United States and other countries.
MM020.en.dis-8. Copyright © 2004–2018 Pico Technology Ltd. All rights reserved.
www.picotech.com
UK global headquarters:
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
+44 (0) 1480 396 296
sales@picotech.com
North America regional office:
Pico Technology
320 N Glenwood Blvd
Tyler
Texas 75702
United States
+1 800 591 2796
+1 620 272 0981
sales@picotech.com
Asia-Pacific regional office:
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
+86 21 2226-5152
pico.china@picotech.com
@picotechnologyltd
Pico Technology
Pico Technology
@LifeAtPico
@picotech



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com