Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA375 Datasheet(PDF) 13 Page - Pico Technology Ltd.

Part # TA375
Description  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA375 Datasheet(HTML) 13 Page - Pico Technology Ltd.

Back Button TA375 Datasheet HTML 9Page - Pico Technology Ltd. TA375 Datasheet HTML 10Page - Pico Technology Ltd. TA375 Datasheet HTML 11Page - Pico Technology Ltd. TA375 Datasheet HTML 12Page - Pico Technology Ltd. TA375 Datasheet HTML 13Page - Pico Technology Ltd. TA375 Datasheet HTML 14Page - Pico Technology Ltd. TA375 Datasheet HTML 15Page - Pico Technology Ltd. TA375 Datasheet HTML 16Page - Pico Technology Ltd. TA375 Datasheet HTML 17Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PicoScope® 4000A Series
PicoScope 6 software
The display can be as simple or as
advanced as you need. Begin with
a single view of one channel, and
then expand the display to include
any number of live channels, math
channels and reference waveforms.
Oscilloscope controls:
Controls such as voltage
range, scope resolution,
channel enable, timebase
and memory depth.
Movable axes: The
vertical axes can be
scaled and dragged up
or down. This feature
is particularly useful
when one waveform
is obscuring another.
There’s also an Auto
Arrange Axes command.
Channel options:
Filtering, offset, resolution
enhancement, custom
probes and more.
Trigger toolbar: Quick
access to main controls,
with advanced triggers in a
pop-up window.
Auto setup button:
Configures the collection
time and voltage range for
clear display of signals.
Tools: Including
serial decoding,
reference channels,
macro recorder,
alarms, mask limit
testing and math
channels.
Trigger
marker: Drag
the yellow
diamond to
adjust trigger
level and pre-
trigger time.
Automatic measurements: Display calculated
measurements for troubleshooting
and analysis. You can add as many
measurements as you need on each view.
Each measurement includes statistical
parameters showing its variability.
Zoom and pan tools:
PicoScope 6 allows a zoom
factor of several million,
which is necessary when
working with the deep
memory of the PicoScope
4000A Series oscilloscopes.
Waveform replay tools:
PicoScope 6 automatically
records up to 10 000 of the
most recent waveforms.
You can quickly scan
through to look for
intermittent events, or use
the Buffer Navigator to
search visually.
Ruler legend:
Absolute and
differential ruler
measurements are
listed here.
Properties sheet:
Shows a summary
of the settings that
PicoScope is using.
Signal generator:
Generates standard
signals or arbitrary
waveforms.
Includes frequency
sweep mode.
Zoom overview: Click and
drag for quick navigation
in zoomed views.
Rulers: Each axis has two rulers
that can be dragged across
the screen to make quick
measurements of amplitude,
time and frequency.
Views: PicoScope
6 is carefully
designed to make
the best use of
the display area.
You can add new
scope, spectrum
and XY views
with automatic or
custom layouts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com