Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ152 Datasheet(PDF) 21 Page - Pico Technology Ltd.

Part # PQ152
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ152 Datasheet(HTML) 21 Page - Pico Technology Ltd.

Back Button PQ152 Datasheet HTML 14Page - Pico Technology Ltd. PQ152 Datasheet HTML 15Page - Pico Technology Ltd. PQ152 Datasheet HTML 16Page - Pico Technology Ltd. PQ152 Datasheet HTML 17Page - Pico Technology Ltd. PQ152 Datasheet HTML 18Page - Pico Technology Ltd. PQ152 Datasheet HTML 19Page - Pico Technology Ltd. PQ152 Datasheet HTML 20Page - Pico Technology Ltd. PQ152 Datasheet HTML 21Page - Pico Technology Ltd. PQ152 Datasheet HTML 22Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
PicoScope 5000D Series
Technical Specifications
PicoScope 5242D
and 5242D MSO
2-channel, 60 MHz
PicoScope 5442D
and 5442D MSO
4-channel, 60 MHz
PicoScope 5243D
and 5243D MSO
2-channel, 100 MHz
PicoScope 5443D
and 5443D MSO
4-channel, 100 MHz
PicoScope 5244D
and 5244D MSO
2-channel, 200 MHz
PicoScope 5444D
and 5444D MSO
4-channel, 200 MHz
[8]
See the picotech.com/downloads page for more information.
PC requirements
Processor, memory and disk space: as required by the operating system
Port(s): USB 3.0 (recommended) or USB 2.0
Languages supported, PicoScope 6 Simplified Chinese, Czech, Danish, Dutch, English, Finnish, French, German, Greek, Hungarian, Italian, Japanese, Korean, Norwegian, Polish,
Portuguese, Romanian, Russian, Spanish, Swedish, Turkish
Languages supported, PicoLog 6
Simplified Chinese, Dutch, English (UK), English (US), French, German, Italian, Japanese, Korean, Russian, Spanish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com