Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP830-SW-82 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIP830-SW-82
Description  8 Channel 12 (16) bit Simultaneous Sampling A/D
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TIP830-SW-82 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIP830-SW-82 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek / Germany
Phone: +49-(0)4101-4058-0
Fax: +49-(0)4101-4058-19
e-mail: info@tews.com
www.tews.com
TEWS TECHNOLOGIES LLC
1 E. Liberty Street, Sixth Floor
Reno, Nevada 89504 / USA
Phone: +1 (775) 686 6077
Fax: +1 (775) 686 6024
e-mail: usasales@tews.com
www.tews.com
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice
06/2002
IndustryPack is a registered trademark of SBS Technologies, Inc.
Application Information
The TIP830 family are IndustryPack
 compatible modules
with 8 independent channels of high resolution 12 bit or 16
bit analog-to-digital conversion. Each channel consists of a
Sample and Hold and a 12 bit or 16 bit A/D converter. The
maximum time for sample and convert is 25µs for all
channels. The full-scale input range is +/-10V.
A start-of-conversion is initiated by software command or
via the trigger I/O pin. All eight channels of the TIP830
sample and convert simultaneous.
By connecting the trigger I/O pins of several modules it is
possible to expand the simultaneous sample and convert
feature to several TIP830 modules.
For
First-Time-Buyers
the
engineering
documentation
TIP830-ED
is
recommended.
The
engineering
documentation includes TIP830-DOC, schematics and data
sheets.
Driver support (TIP830-SW-xx) is available for different
operating systems.
Technical Information
! Interface according to IndustryPack specification
! Identification-PROM supports auto-configuration
! Single Size IndustryPack
! Eight 12 bit (16 bit) A/D converter ( ADS7806/7 )
! Complete 12 bit (16 bit) sampling A/D converter
with internal reference
! +/- 10 V input, impedance 45 KW
! Integral linearity error: +/- 0.9LSB (+/- 3LSB)
! Differential linearity error: +/- 0.9LSB (+3/-2LSB)
! No missing codes: 12 bits (15 bits)
! 25 µs maximum for sample and convert
! Factory calibration of gain and offset for each channel,
correction parameters stored in ID-PROM
! Sample and convert simultaneous for all 8 channels,
expandable to other TIP830 by external trigger I/O pin
ID-PROM
8 bit Bus
Driver
Decoder
8 A/D - select
external trigger
12 (16) bit A/D with S/H
12 (16) bit A/D with S/H
12 (16) bit A/D with S/H
12 (16) bit A/D with S/H
12 (16) bit A/D with S/H
12 (16) bit A/D with S/H
12 (16) bit A/D with S/H
12 (16) bit A/D with S/H
12 (16) bit A/D with S/H
12 (16) bit A/D with S/H
Order Information
TIP830-10
Eight 12 bit A/D channels, single-ended
simultaneous sampling and converting
TIP830-20
Eight 16 bit A/D channels, single-ended
simultaneous sampling and converting
TIP830-DOC
User Documentation
TIP830-ED
Engineering Documentation, includes
TIP830-DOC
TIP830-SW-12
OS-9 Software Support
TIP830-SW-32
pSOS Software Support
TIP830-SW-42
VxWorks Software Support
TIP830-SW-62
Windows NT 4.0 Software Support
TIP830-SW-72
LynxOS Software Support
TIP830-SW-82
LiNUX Software Support
TIP830-SW-92
QNX 4 Software Support
TIP830-SW-95
QNX 6 Software Support
TIP830 8 Channel 12 (16) bit Simultaneous Sampling A/D


Similar Part No. - TIP830-SW-82

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP830-SW-82 TEWS-TIP830-SW-82 Datasheet
169Kb / 2P
8 Channel 12 (16) bit Simultaneous Sampling A/D
2017-08-24
More results

Similar Description - TIP830-SW-82

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
logo
Analog Devices
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7779 AD-AD7779 Datasheet
1Mb / 97P
8-Channel, 24-Bit, Simultaneous Sampling ADC
REV. 0
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com