Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLT13 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLT13
Description  UHF power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT13 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLT13 Datasheet HTML 1Page - NXP Semiconductors BLT13 Datasheet HTML 2Page - NXP Semiconductors BLT13 Datasheet HTML 3Page - NXP Semiconductors BLT13 Datasheet HTML 4Page - NXP Semiconductors BLT13 Datasheet HTML 5Page - NXP Semiconductors BLT13 Datasheet HTML 6Page - NXP Semiconductors BLT13 Datasheet HTML 7Page - NXP Semiconductors BLT13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Apr 12
2
Philips Semiconductors
Preliminary specification
UHF power transistor
BLT13
FEATURES
• High efficiency
• High gain
• Internal pre-matched input.
APPLICATIONS
• Hand-held radio equipment in common emitter class-AB
operation for 1.8 GHz Time Division Multiple Access
(TDMA) communication systems.
DESCRIPTION
NPN silicon planar epitaxial transistor encapsulated in a
plastic SOT96-1 (SO8) SMD package.
PINNING - SOT96-1
PIN
SYMBOL
DESCRIPTION
1, 8
b
base
2, 4, 5, 7
e
emitter
3, 6
c
collector
Fig.1 Simplified outline and symbol.
handbook, halfpage
4
1
5
8
e
c
b
MAM227
QUICK REFERENCE DATA
RF performance at Ts ≤ 60 °C in a common emitter test circuit.
MODE OF OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
Pulsed, class-AB
1800
6
2
≥6
≥50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com