Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2111663205 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2111663205
Description  OSFP TO OSFP 112G CABLE ASSEMBLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2111663205 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2111663205 Datasheet HTML 1Page - Molex Electronics Ltd. 2111663205 Datasheet HTML 2Page - Molex Electronics Ltd. 2111663205 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CABLE
AWG
OD
(mm)
MIN BEND RADIUS
(mm)
MIN BEND SPACE
(mm)
32
(8.3)
(42)
(75)
30
(9.5)
(48)
(82)
28
(11.0)
(55)
(91)
26
(12.7)
(64)
(101)
LOW SPEED SIGNALS
P1 & P2
PAD
SIGNAL
14
SCL
15
VCC
16
VCC
17
LPWn/PRSn
44
INT/RSTn
45
VCC
46
VCC
47
SDA
LEGEND:
---> = TRANSMIT TO RECEIVE ON HIGH SPEED LINES
---- = THRU LINES
CABLE OD AND MINIMUM BEND RADIUS ARE PENDING
QUALIFICATION. ANY NUMBERS LISTED ABOVE ARE
ESTIMATES AND ARE SUBJECT TO CHANGE.
!
NOTES:
1. DC BLOCKING CAPS ON RECEIVE SIDE ONLY.
OSFP
60
31
30
01
52
TX5n
--->
22
RX5n
53
TX5p
--->
23
RX5p
54
GND
----
24
GND
55
TX3n
--->
25
RX3n
56
TX3p
--->
26
RX3p
57
GND
----
27
GND
58
TX1n
--->
28
RX1n
59
TX1p
--->
29
RX1p
60
GND
30
GND
WIRING DIAGRAM
P1 END
P2 END
PAD
SIGNAL
PAD
SIGNAL
1
GND
31
GND
2
TX2p
--->
32
RX2p
3
TX2n
--->
33
RX2n
4
GND
----
34
GND
5
TX4p
--->
35
RX4p
6
TX4n
--->
36
RX4n
7
GND
----
37
GND
8
TX6p
--->
38
RX6p
9
TX6n
--->
39
RX6n
10
GND
----
40
GND
11
TX8p
--->
41
RX8p
12
TX8n
--->
42
RX8n
13
GND
----
43
GND
18
GND
----
48
GND
19
RX7n
49
TX7n
20
RX7p
50
TX7p
21
GND
----
51
GND
22
RX5n
52
TX5n
23
RX5p
53
TX5p
24
GND
----
54
GND
25
RX3n
55
TX3n
26
RX3p
56
TX3p
27
GND
----
57
GND
28
RX1n
58
TX1n
29
RX1p
59
TX1p
30
GND
60
GND
31
GND
1
GND
32
RX2p
2
TX2p
33
RX2n
3
TX2n
34
GND
----
4
GND
35
RX4p
5
TX4p
36
RX4n
6
TX4n
37
GND
----
7
GND
38
RX6p
8
TX6p
39
RX6n
9
TX6n
40
GND
----
10
GND
41
RX8p
11
TX8p
42
RX8n
12
TX8n
43
GND
----
13
GND
48
GND
----
18
GND
49
TX7n
--->
19
RX7n
50
TX7p
--->
20
RX7p
51
GND
----
21
GND
MIN BEND SPACE
BEZEL
24.4
OD
OSFP CABLE BEND RADIUS
MIN BEND RADIUS
NOTE:
VIEW NOT TO SCALE
FORMAT: master-tb-prod-D
REVISION: J1
DATE: 2021/05/01
DOCUMENT STATUS
P1
RELEASE DATE
2023/04/18
13:34:34
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
CURRENT REV DESC:
EC NO: 746431
DRWN: FFIERROS
2023/03/23
CHK'D: MGARRISON
2023/04/18
APPR:
MGARRISON
2023/04/18
INITIAL REVISION:
DRWN: GBARDELLA
2018/11/02
APPR:
MGARRISON
2019/08/02
THIRD ANGLE PROJECTION
DRAWING
SERIES
D-SIZE
211166
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
SCALE
mm
1.5:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
1.0 °
4 PLACES
±
3 PLACES
±
2 PLACES
±
0.13
1 PLACE
±
0.25
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
OSFP TO OSFP 112G CABLE ASSEMBLY
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE DOC PART
REVISION
2111661000
PSD 000
K
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE P/N TABLE
GENERAL MARKET
2 OF 3
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
J
9
J
10
K
10
K
11
L
11
L
12
M
12
M
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com