Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83604 Datasheet(PDF) 1 Page - Belden Inc.

Part # 83604
Description  Electronic, 4 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83604 Datasheet(HTML) 1 Page - Belden Inc.

  83604 Datasheet HTML 1Page - Belden Inc. 83604 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 83604
Electronic, 4 C #20 Str TC, FEP Ins, OS+TC Brd, FEP Jkt, CMP
Product Description
High Temperature Electronic, 4 Conductor 20AWG (7x28) Tinned Copper, FEP Insulation, Overall Beldfoil®+Tinned Copper Braid(85%) Shield, FEP Outer
Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
extreme high/low temperature environments; chemical resistant; outdoor and burial applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line
level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 4
20 AWG 7x28
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) FEP - Fluorinated Ethylene Propylene 0.006 in (0.15 mm) 0.050 in (1.3 mm)
Black, White, Red, Green
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
85%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
FEP - Fluorinated Ethylene Propylene 0.015 in (0.38 mm) 0.180 in (4.57 mm)
Overall Cable Diameter
(Nominal):
0.180 in (4.57 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 11.1 Ohm/1000ft
26 pF/ft (85 pF/m)
51 pF/ft (170 pF/m)
3 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMP)
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-70°C to +200°C
Bend Radius


Similar Part No. - 83604

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8360 MALLORY-8360 Datasheet
677Kb / 8P
MSD Pro-Billet Ready-to-Run Distributor
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
logo
Sensata Technologies, I...
8360 SENSATA-8360 Datasheet
206Kb / 3P
360° NON-CONTACTING THROUGH-HOLE POSITION SENSOR
logo
Abbatron All Rights Res...
8360-8375 ABBATRON-8360-8375 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Belden Inc.
83602 BELDEN-83602 Datasheet
183Kb / 2P
Electronic, 2 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
More results

Similar Description - 83604

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83606 BELDEN-83606 Datasheet
211Kb / 2P
Electronic, 6 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83719 BELDEN-83719 Datasheet
226Kb / 2P
Electronic, 19 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83554 BELDEN-83554 Datasheet
162Kb / 2P
Electronic, 4 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83569 BELDEN-83569 Datasheet
204Kb / 2P
Electronic, 19 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83602 BELDEN-83602 Datasheet
183Kb / 2P
Electronic, 2 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83704 BELDEN-83704 Datasheet
201Kb / 2P
Electronic, 4 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83504 BELDEN-83504 Datasheet
162Kb / 2P
Electronic, 4 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83609 BELDEN-83609 Datasheet
223Kb / 2P
Electronic, 9 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83612 BELDEN-83612 Datasheet
225Kb / 2P
Electronic, 12 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83654 BELDEN-83654 Datasheet
169Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
Date: 01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com