Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8153 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8153
Description  Single Buffered Switch 3.2 Gbps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8153 Datasheet HTML 9Page - Analog Devices AD8153 Datasheet HTML 10Page - Analog Devices AD8153 Datasheet HTML 11Page - Analog Devices AD8153 Datasheet HTML 12Page - Analog Devices AD8153 Datasheet HTML 13Page - Analog Devices AD8153 Datasheet HTML 14Page - Analog Devices AD8153 Datasheet HTML 15Page - Analog Devices AD8153 Datasheet HTML 16Page - Analog Devices AD8153 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Preliminary Technical Data
AD8153
Rev. PrA | Page 13 of 18
Figure 6: I2C Timing Diagram
Table 9: I2C Timing Parameters
Parameter
Symbol
Min
Max
Unit
SCL clock frequency
fSCL
0
400+
kHz
Hold time for a start condition
tHD;STA
0.6
-
μs
Set-up time for a repeated start condition
tSU;STA
0.6
-
μs
LOW period of the SCL clock
tLOW
1.3
-
μs
HIGH period of the SCL clock
tHIGH
0.6
-
μs
Data hold time
tHD;DAT
0
-
μs
Data set-up time
tSU;DAT
10
-
Ns
Rise time for both SDA and SCL
tr
1
300
Ns
Fall time for both SDA and SCL
tf
1
300
Ns
Set-up time for stop condition
tSU;STO
0.6
-
μs
Bus free time between a stop and a start condition
tBUF
1
-
Ns
Capacitance for each I/O pin
Ci
5
7
Pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com