Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM03120-01 Datasheet(PDF) 1 Page - VIGO Photonics S.A.

Part # AM03120-01
Description  AM03120-01 ENGINEERING SAMPLE MWIR InAsSb detection module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

AM03120-01 Datasheet(HTML) 1 Page - VIGO Photonics S.A.

  AM03120-01 Datasheet HTML 1Page - VIGO Photonics S.A. AM03120-01 Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AM03120-01 detection module
P a g e | 1
16/09/2021
Engineering samples are manufactured for purposes of research and development. Values of parameters mentioned in the datasheet are for guidance
only and may not be used as guaranteed values.
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
AM03120-01 ENGINEERING SAMPLE
MWIR InAsSb detection module
AM03120-01 is an ”all-in-one” uncooled IR detection module in a compact TO8 package.
Photovoltaic mutiple junction InAsSb detector element is directly integrated with low-noise
preamplifier. Amplified analog output may be connected directly to the measurement
equipment. Through-hole mounting is possible. The detection module is supplied with 3°
wedged zinc selenide anti-reflection coated window (wZnSeAR) which prevents unwanted
interference effects.
The final product can be offered as an OEM component (only PCB with detector element),
mounted on a TO8 sumbount or mounted and sealed in a TO8 package with a window.
Spectral response (Ta = 20°C)
Exemplary spectral detectivity, the spectral response of delivered devices may
differ.
Exemplary spectral responsivity, the spectral response of delivered devices
may differ.
Specification (Ta = 20°C, RL = 1 MΩ, f0 = 500 kHz)*
Parameter
Min
Typ
Max
Cut-on wavelength λcut-on (10%), µm
-
2.3
-
Peak wavelength λpeak, µm
4.4
4.6
4.7
Cut-off wavelength λcut-off (10%), µm
-
5.9
-
Detectivity D*(λpeak), cm·Hz1/2/W
3.4×108
5.5×108
-
Output noise voltage density vn, nV/Hz1/2
-
100
130
Noise equivalent power NEP(λpeak), nW/Hz1/2
-
0.18
0.30
Voltage responsivity Rv(λpeak), V/W
-
559
-
Low cut-off frequency flo, Hz
-
DC
-
High cut-off frequency fhi, Hz
2M
-
-
Transimpedance Ki, V/A
4.65k
4.70k
4.75k
Output impedance Rout, Ω
49.5
50.0
50.5
Output voltage Vout, V
0
0
-
-
2.50 (RL = 1 MΩ)
1.25 (RL = 50 Ω)
Output voltage offset Voff, mV
–10
-
+10
Power supply voltage Vsup, V
-
±3
-
Power supply current Isup, mA
-
-
20
Power consumption, mW
-
-
120
Active element material
epitaxial InAsSb heterostructure
Active area A, mm×mm
1×1
Package
TO8
Acceptance angle Φ
~48°
Window
wZnSeAR
Features
Compact and miniaturized
Low power consumption
Immune to EMI
OEM version available
Convenient to use
Cost effective solution
Quantity discounted price
Applications
MWIR spectroscopy (gas,
liquids and solids analysis)
Temperature measurement
Laser metrology
Monitoring of industrial and
laboratory processes
Laser power monitoring
and control
Dedicated accessories
Evaluation board
* Unless otherwise stated.
1E+07
1E+08
1E+09
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Wavelength, µm
0E+00
1E+02
2E+02
3E+02
4E+02
5E+02
6E+02
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Wavelength, µm


Similar Part No. - AM03120-01

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM032NS08H AITSEMI-AM032NS08H Datasheet
998Kb / 9P
85V 200A N-CHANNEL ENHANCED POWER MOSFET
REV1.0
AM032NS08HPH8R AITSEMI-AM032NS08HPH8R Datasheet
998Kb / 9P
85V 200A N-CHANNEL ENHANCED POWER MOSFET
REV1.0
AM032NS08HPH8VR AITSEMI-AM032NS08HPH8VR Datasheet
998Kb / 9P
85V 200A N-CHANNEL ENHANCED POWER MOSFET
REV1.0
logo
Alpha Industries
AM035N4-00 ALPHA-AM035N4-00 Datasheet
57Kb / 2P
32-37 GHz GaAs MMIC Ring Hybrid Mixer
AM035N5-00 ALPHA-AM035N5-00 Datasheet
56Kb / 2P
32-37 GHz GaAs MMIC Ring Hybrid Mixer
More results

Similar Description - AM03120-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP4470 TI-OMAP4470_15 Datasheet
6Mb / 450P
Multimedia Device Engineering Sample ES1.0
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
Engineering Development/Design Sample Kits
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
logo
RFbeam Microwave GmbH
K-MD2 RFBEAM-K-MD2 Datasheet
1Mb / 23P
Engineering Sample
logo
VIGO Photonics S.A.
32EM-5 VIGO-32EM-5 Datasheet
807Kb / 3P
MWIR 32-channel IR detection modules series with HgCdTe photovoltaic detector
31/12/2021
4EF-5 VIGO-4EF-5 Datasheet
745Kb / 2P
4EF-5 – ENGINEERING SAMPLE Four band mid-IR detection module
05/01/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com