Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCC0LRH Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0LRH
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LRH Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0LRH Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LRH Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC M428-M418-3A-349-PS0825-020
Order Code: BCC0LRH
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 278455
ETIM 6.0: EC001855
BCC0LRH_0.5_2022-08-01
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
PUR Shielded black, 2 m, drag
chain compatible
Cable diameter D
6.70 mm ±0.30 mm
Cable, bending cycles min.
2 mil.
Conductor cross-section
0.25 mm²
Connection 1
M12x1-Female, angled, 8-pin, A-
coded
Connection 2
M12x1-Male, Straight, 8-pin, A-
coded
Number of conductors
8
System
Molded/Molded
Electrical data
Conductor construction
4x2 twisted-pair
Operating voltage Ub
60 VDC / 60 VAC
Rated current (40 °C)
2.0 A
Environmental conditions
Cable temperature, drag chain
-25...60 °C
Cable temperature, fixed routing
-50...80 °C
Cable temperature, flexible routing
-25...80 °C
IP rating
IP67/IP67
Material
Cable jacket material, note
Shielded
Cable jacket, material
PUR
Cable shield
Copper braid, tin-plated
Material contact carrier
PUR/PUR
Material contacts
Bronze/Brass
Material cover nut
Nickel-plated brass/Nickel-plated
brass
Material grip
PUR/PUR
Mechanical data
Acceleration max., drag chain
5 m/s²
Cable jacket, color
black
Cable length L
2.00 m
Cable properties
drag chain compatible
Horizontal travel permitted, drag
chain
5 m
Tightening torque pigtail
0.6 Nm/0.6 Nm
Traverse speed max., drag chain
200 m/min
Vertical travel permitted, drag chain
2 m


Similar Part No. - BCC0LRH

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0LR0 BALLUFF-BCC0LR0 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.38_2021-12-17
BCC0LR1 BALLUFF-BCC0LR1 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.38_2022-01-06
BCC0LR2 BALLUFF-BCC0LR2 Datasheet
104Kb / 2P
Single-Ended Cordsets
0.38_2021-12-17
BCC0LR3 BALLUFF-BCC0LR3 Datasheet
104Kb / 2P
Single-Ended Cordsets
0.36_2021-12-17
BCC0LR4 BALLUFF-BCC0LR4 Datasheet
104Kb / 2P
Single-Ended Cordsets
0.46_2021-12-17
More results

Similar Description - BCC0LRH

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com