Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9709 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9709
Description  300 MHz to 1000 MHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9709 Datasheet HTML 9Page - Analog Devices AD9709 Datasheet HTML 10Page - Analog Devices AD9709 Datasheet HTML 11Page - Analog Devices AD9709 Datasheet HTML 12Page - Analog Devices AD9709 Datasheet HTML 13Page - Analog Devices AD9709 Datasheet HTML 14Page - Analog Devices AD9709 Datasheet HTML 15Page - Analog Devices AD9709 Datasheet HTML 16Page - Analog Devices AD9709 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADL5370
Rev. 0 | Page 13 of 20
APPLICATIONS INFORMATION
DAC MODULATOR INTERFACING
The ADL5370 is designed to interface with minimal components
to members of the Analog Devices family of DACs. These DACs
feature an output current swing from 0 to 20 mA, and the
interface described in this section can be used with any DAC
that has a similar output.
Driving the ADL5370 with an Analog Devices TxDAC®
An example of the interface using the AD9779 TxDAC is shown
in Figure 31. The baseband inputs of the ADL5370 require a dc
bias of 500 mV. The average output current on each of the
outputs of the AD9779 is 10 mA. Therefore, a single 50 Ω
resistor to ground from each of the DAC outputs results in an
average current of 10 mA flowing through each of the resistors,
thus producing the desired 500 mV dc bias for the inputs to the
ADL5370.
RBIP
50Ω
RBIN
50Ω
93
92
19
20
OUT1_N
OUT1_P
IBBN
IBBP
AD9779
ADL5370
RBQN
50Ω
RBQP
50Ω
84
83
23
24
OUT2_P
OUT2_N
QBBP
QBBN
Figure 29. Interface Between the AD9779 and ADL5370 with 50 Ω Resistors to
Ground to Establish the 500 mV DC Bias for the ADL5370 Baseband Inputs
The AD9779 output currents have a swing that ranges from 0 mA
to 20 mA. With the 50 Ω resistors in place, the ac voltage swing
going into the ADL5370 baseband inputs ranges from 0 V to 1 V.
A full-scale sine wave out of the AD9779 can be described as a
1 V p-p single-ended (or 2 V p-p differential) sine wave with a
500 mV dc bias.
LIMITING THE AC SWING
There are situations in which it is desirable to reduce the ac
voltage swing for a given DAC output current. This can be
achieved through the addition of another resistor to the interface.
This resistor is placed in shunt between each side of the
differential pair, as shown in Figure 30. It has the effect of
reducing the ac swing without changing the dc bias already
established by the 50 Ω resistors.
RBIP
50Ω
RBIN
50Ω
93
92
19
20
IBBN
IBBP
AD9779
ADL5370
RBQN
50Ω
RBQP
50Ω
84
83
23
24
RSLI
100Ω
RSLQ
100Ω
OUT1_N
OUT1_P
OUT2_P
OUT2_N
QBBP
QBBN
Figure 30. AC Voltage Swing Reduction Through the Introduction
of a Shunt Resistor Between Differential Pair
The value of this ac voltage swing limiting resistor is chosen
based on the desired ac voltage swing. Figure 31 shows the
relationship between the swing-limiting resistor and the peak-
to-peak ac swing that it produces when 50 Ω bias-setting
resistors are used.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
1000
10000
RL (Ω)
Figure 31. Relationship Between the AC Swing-Limiting Resistor and the
Peak-to-Peak Voltage Swing with 50 Ω Bias-Setting Resistors
FILTERING
It is necessary to low-pass filter the DAC outputs to remove
images when driving a modulator. The interface for setting up
the biasing and ac swing that was discussed in the Limiting the
AC Swing section lends itself well to the introduction of such a
filter. The filter can be inserted between the dc bias setting
resistors and the ac swing-limiting resistor. Doing so establishes
the input and output impedances for the filter.
An example is shown in Figure 32 with a third-order elliptical
filter with a 3 dB frequency of 3 MHz. Matching input and output
impedances makes the filter design easier, so the shunt resistor
chosen is 100 Ω, producing an ac swing of 1 V p-p differential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com