Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-6402 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD-6402
Description  CMOS Universal AsynchronousReceiver Transmitter (UART)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD-6402 Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD-6402 Datasheet HTML 1Page - Renesas Technology Corp HD-6402 Datasheet HTML 2Page - Renesas Technology Corp HD-6402 Datasheet HTML 3Page - Renesas Technology Corp HD-6402 Datasheet HTML 4Page - Renesas Technology Corp HD-6402 Datasheet HTML 5Page - Renesas Technology Corp HD-6402 Datasheet HTML 6Page - Renesas Technology Corp HD-6402 Datasheet HTML 7Page - Renesas Technology Corp HD-6402 Datasheet HTML 8Page - Renesas Technology Corp HD-6402 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD-6402
FN2956 Rev 4.00
Page 6 of 9
August 25, 2015
Start Bit Detection
The receiver uses a 16X clock timing. The start bit could have
occurred as much as one clock cycle before it was detected,
as indicated by the shaded portion (A). The center of the start
bit is defined as clock count 7 1/2. If the receiver clock is a
symmetrical square wave, the center of the start bit will be
located within
1/2 clock cycle, 1/32 bit or 3.125% giving a
receiver margin of 46.875%. The receiver begins searching
for the next start bit at the center of the first stop bit.
Interfacing with the HD-6402
FIGURE 2. RECEIVER TIMING (NOT TO SCALE)
A
B
C
BEGINNING OF FIRST STOP BIT
7 1/2 CLOCK CYCLES
1 CLOCK CYCLE
RRI
RBR1-8, OE, PE
DRR
DR
FE
FIGURE 3. SERIAL DATA FORMAT
LSB
MSB
START BIT
PARITY
† IF ENABLED
1, 11/2 OR 2 STOP BITS
5-8 DATA BITS
CLOCK
RRI INPUT
START
71/2 CLOCK CYCLES
81/2 CLOCK CYCLES
COUNT 71/2 DEFINED
CENTER OF START BIT
FIGURE 4.
A
FIGURE 5. TYPICAL SERIAL DATA LINK
DIGITAL
SYSTEM
TRANSMITTER
RECEIVER
RRI
TRO
TBR1
TBR8
CONTROL
HD-6402
CONTROL
RB1
RB8
DIGITAL
SYSTEM
TRANSMITTER
RECEIVER
RRI
TRO
TBR1
TBR8
CONTROL
HD-6402
CONTROL
RB1
RB8
RS232
DRIVER
RS232
RECEIVER
RS232
DRIVER
RS232
RECEIVER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com