Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS165AP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS165AP
Description  Parallel-Load 8-bit Shift Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS165AP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS165AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 8Page - Renesas Technology Corp HD74LS165AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74LS165A
Rev.3.00, Jul.15.2005, page 3 of 7
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
—
—
–400
µA
Output current
IOL
—
—
8
mA
Operating temperature
Topr
–20
25
75
°C
Clock frequency
ƒclock
0
—
25
MHz
Clock pulse width
tw (clock)
25
—
—
ns
Load pulse width
tw (load)
15
—
—
ns
Clock enable setup time
tsu
30
—
—
ns
Parallel input setup time
tsu
10
—
—
ns
Serial input setup time
tsu
20
—
—
ns
Shift setup time
tsu
45
—
—
ns
Hold time
th
0
—
—
ns
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
VOH
2.7
—
—
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
—
—
0.4
IOL = 4 mA
Output voltage
VOL
—
—
0.5
V
IOL = 8 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
Shift / Load
—
—
0.3
mA
Input current
Other inputs
II
—
—
0.1
mA
VCC = 5.25 V, VI = 7 V
Shift / Load
—
—
60
µA
High level
input current
Other inputs
IIH
—
—
20
µA
VCC = 5.25 V, VI = 2.7 V
Shift / Load
—
—
–1.2
mA
Low level input
current
Other inputs
IIL
—
—
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Short-circuit output current
IOS
–20
—
–100
mA
VCC = 5.25 V
Supply current**
ICC
—
21
36
mA
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Note:
* VCC = 5 V, Ta = 25°C
**. With the outputs open, clock inhibit and clock at 4.5 V, and a clock pulse applied to the shift / load, ICC is
measured with the parallel inputs at 4.5 V, than with the parallel inputs grounded.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum clock frequency
ƒmax
25
35
—
MHz
tPLH
—
21
35
ns
tPHL
Load
Any
—
26
35
ns
tPLH
—
14
25
ns
tPHL
Clock
Any
—
16
25
ns
tPLH
—
13
25
ns
tPHL
H
QH
—
24
30
ns
tPLH
—
19
30
ns
Propagation delay time
tPHL
H
QH
—
17
25
ns
CL = 15 pF,
RL = 2 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com