| Electronic Components Datasheet Search |
|
HD74LS165AFPEL Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS165AFPEL Datasheet(HTML) 3 Page - Renesas Technology Corp |
|
3 / 10 page ![]() Rev.3.00, Jul.15.2005, page 1 of 7 HD74LS165A Parallel-Load 8-bit Shift Register REJ03D0449–0300 Rev.3.00 Jul.15.2005 The LS165A are 8-bit serial shift registers that shift the data in the direction of QA toward QH when clocked. Parallel-in access to each stage is made available by eight individual direct data inputs that are enabled by a low level at the shift / load input. These registers also feature gated clock inputs and complementary outputs from the eighth bit. All inputs are diode-clamped to minimize transmission-line effects, thereby simplifying system design. Clocking is accomplished through a 2-input positive-NOR gate, permitting one input to be used as a clock-inhibit function. Holding either of the clock inputs high inhibits clocking and holding either clock input low with the shift / load input high enables the other clock input. The clock-inhibit input should be changed to the high level only while the clock input is high. Parallel loading is inhibited as long as the shift / load input is high. Data at the parallel inputs are loaded directly into the register on a high-to-low transition of the shift / load input independently of the levels of the clock, clock inhibit, or serial inputs. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS165AP DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS165AFPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) VCC GND 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 Shift/ Load Clock E F G H Output QH Output QH Serial Input A B C D Clock Inhibit Parallel Inputs Parallel Inputs Shift/Load CK Clock Inhibit A B C D Serial Input QH QH E F G H |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |